Electronic Components Datasheet Search
  English  ▼

X  

TMP100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100
Description  Digital Temperature Sensor with I2C Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100 Datasheet(HTML) 1 Page - Texas Instruments

  TMP100 Datasheet HTML 1Page - Texas Instruments TMP100 Datasheet HTML 2Page - Texas Instruments TMP100 Datasheet HTML 3Page - Texas Instruments TMP100 Datasheet HTML 4Page - Texas Instruments TMP100 Datasheet HTML 5Page - Texas Instruments TMP100 Datasheet HTML 6Page - Texas Instruments TMP100 Datasheet HTML 7Page - Texas Instruments TMP100 Datasheet HTML 8Page - Texas Instruments TMP100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEATURES
D DIGITAL OUTPUT: I2C Serial 2-Wire
D RESOLUTION: 9- to 12-Bits, User-Selectable
D ACCURACY:
±2.0°C from −25°C to +85°C (max)
±3.0°C from −55°C to +125°C (max)
D LOW QUIESCENT CURRENT:
45
µA, 0.1µA Standby
D WIDE SUPPLY RANGE: 2.7V to 5.5V
D TINY SOT23-6 PACKAGE
APPLICATIONS
D POWER-SUPPLY TEMPERATURE
MONITORING
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D NOTEBOOK COMPUTERS
D CELL PHONES
D BATTERY MANAGEMENT
D OFFICE MACHINES
D THERMOSTAT CONTROLS
D ENVIRONMENTAL MONITORING AND HVAC
D ELECTROMECHANICAL DEVICE
TEMPERATURE
DESCRIPTION
The TMP100 and TMP101 are two-wire, serial output
temperature sensors available in SOT23-6 packages.
Requiring no external components, the TMP100 and
TMP101 are capable of reading temperatures with a
resolution of 0.0625
°C.
The TMP100 and TMP101 feature SMBus and I2C
interface compatibility, with the TMP100 allowing up to
eight devices on one bus. The TMP101 offers SMBus alert
function with up to three devices per bus.
The TMP100 and TMP101 are ideal for extended
temperature measurement in a variety of communication,
computer, consumer, environmental, industrial, and
instrumentation applications.
The TMP100 and TMP101 are specified for operation over
a temperature range of −55
°C to +125°C.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP100
Temperature
GND
SCL
1
2
3
6
5
4
1
2
3
6
5
4
ADD1
SDA
ADD0
V+
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config
and Temp
Register
TMP101
Temperature
GND
SCL
ALERT
SDA
ADD0
V+
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
Digital Temperature Sensor
with I2C
t Interface
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2002−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of NXP Semiconductors. All other trademarks are the property of their respective owners.


Similar Part No. - TMP100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
TMP100 TI-TMP100 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP100 TI-TMP100 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
TMP100 TI2-TMP100 Datasheet
611Kb / 31P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
REVISED NOVEMBER 2015
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results

Similar Description - TMP100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP100 TI-TMP100 Datasheet
221Kb / 10P
Digital Temperature Sensor with I2C Interface
logo
Microchip Technology
TC72 MICROCHIP-TC72 Datasheet
417Kb / 24P
Digital Temperature Sensor with SPI??Interface
2002
logo
ON Semiconductor
ADT7484A ONSEMI-ADT7484A Datasheet
360Kb / 14P
Digital Temperature Sensor with SST Interface
December, 2009 ??Rev. 4
logo
Texas Instruments
TMP100-EP TI1-TMP100-EP Datasheet
633Kb / 22P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
TMP100NA250G4 TI-TMP100NA250G4 Datasheet
761Kb / 19P
Digital Temperature Sensor with I2C Interface
TMP100-Q1 TI-TMP100-Q1_15 Datasheet
229Kb / 20P
DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
Ambient Light Sensor with I2C digital interface
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Silicon Laboratories
SI7057-A10 SILABS-SI7057-A10 Datasheet
1Mb / 23P
DIGITAL I2C TEMPERATURE SENSOR
Rev. 1.1 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com