Electronic Components Datasheet Search
  English  ▼

X  

TMP100 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMP100
Description  Digital Temperature Sensor with I2C Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP100 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP100 Datasheet HTML 6Page - Texas Instruments TMP100 Datasheet HTML 7Page - Texas Instruments TMP100 Datasheet HTML 8Page - Texas Instruments TMP100 Datasheet HTML 9Page - Texas Instruments TMP100 Datasheet HTML 10Page - Texas Instruments TMP100 Datasheet HTML 11Page - Texas Instruments TMP100 Datasheet HTML 12Page - Texas Instruments TMP100 Datasheet HTML 13Page - Texas Instruments TMP100 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TMP100
TMP101
SBOS231G − JANUARY 2002 − REVISED NOVEMBER 2007
www.ti.com
10
TIMING DIAGRAMS
The TMP100 and TMP101 are I2C and SMBus
compatible. Figure 5 to Figure 8 describe the various
operations on the TMP100 and TMP101. Bus definitions
are given below. Parameters for Figure 5 are defined in
Table 13.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not limited and
is determined by the master device. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed,
is obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line
is stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data
transfer can be signaled by the master generating a
Not-Acknowledge on the last byte that has been
transmitted by the slave.
Table 13. Timing Diagram Definitions
PARAMETER
FAST MODE
HIGH-SPEED MODE
UNITS
PARAMETER
MIN
MAX
MIN
MAX
UNITS
SCLK Operating Frequency
f(SCLK)
0.4
3.4
MHz
Bus Free TIme Between STOP and START Conditions
t(BUF)
600
160
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
600
160
ns
Repeated START Condition Setup Time
t(SUSTA)
600
160
ns
STOP Condition Setup Time
t(SUSTO)
600
160
ns
Data HOLD Time
t(HDDAT)
0
0
ns
Data Setup Time
t(SUDAT)
100
10
ns
SCLK Clock LOW Period
t(LOW)
1300
160
ns
SCLK Clock HIGH Period
t(HIGH)
600
60
ns
Clock/Data Fall Time
tF
300
160
ns
Clock/Data Rise Time
tR
300
160
ns
for SCLK
≤ 100kHz
tR
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com