Electronic Components Datasheet Search
  English  ▼

X  

BC807-40 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BC807-40
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC807-40 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BC807-40 Datasheet HTML 2Page - NXP Semiconductors BC807-40 Datasheet HTML 3Page - NXP Semiconductors BC807-40 Datasheet HTML 4Page - NXP Semiconductors BC807-40 Datasheet HTML 5Page - NXP Semiconductors BC807-40 Datasheet HTML 6Page - NXP Semiconductors BC807-40 Datasheet HTML 7Page - NXP Semiconductors BC807-40 Datasheet HTML 8Page - NXP Semiconductors BC807-40 Datasheet HTML 9Page - NXP Semiconductors BC807-40 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
6 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
VCE = −1 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
VCE = −1 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 1.
Selection -16: DC current gain as a function of
collector current; typical values
Fig 2.
Selection -25: DC current gain as a function of
collector current; typical values
VCE = −1 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 3.
Selection -40: DC current gain as a function of collector current; typical values
006aaa119
200
100
300
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
006aaa120
400
200
600
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
006aaa121
400
200
600
800
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com