Electronic Components Datasheet Search
  English  ▼

X  

TSP150B Datasheet(PDF) 2 Page - First Components International

Part # TSP150B
Description  THYRISTOR SURGE PROTECTOR SMB TYPE SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP150B Datasheet(HTML) 2 Page - First Components International

  TSP150B Datasheet HTML 1Page - First Components International TSP150B Datasheet HTML 2Page - First Components International TSP150B Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Part No
CODE
Repetitive
Peak Off
Stage
Vdrm
(V)
Switching
Vol@100
V/uS
Vs
(V)
Minimum
Holding Current
dI/dt=1A/ms
Ipp
(mA)
Switching
Current Is
(mA)
Urge Rating
Ipp@
10/1000us
(A)
On-stage
Current
IT
(A)
Typical
Capacitance
@50V
.@1MHz
(pF)
TSP110C
TSP130C
TSP150C
TSP180C
TSP230C
TSP260C
TSP310C
TSP350C
HF
HG
HH
HI
HJ
HK
HL
HM
90
120
140
160
190
220
275
300
130
160
180
220
260
300
350
400
150
150
150
150
150
150
150
150
800
800
800
800
800
800
800
800
100
100
100
100
100
100
100
100
1
1
1
1
1
1
1
1
100
70
70
70
50
50
40
40
MAX OFF-STATE CURRENT @ VDRM: 5uA; MAX ON-STATE VOL @ VT:5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com