Electronic Components Datasheet Search
  English  ▼

X  

TSP150B Datasheet(PDF) 1 Page - First Components International

Part # TSP150B
Description  THYRISTOR SURGE PROTECTOR SMB TYPE SURFACE MOUNT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TSP150B Datasheet(HTML) 1 Page - First Components International

  TSP150B Datasheet HTML 1Page - First Components International TSP150B Datasheet HTML 2Page - First Components International TSP150B Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
MECHANICAL DIMENSION
Dimension in MM
FEATURES
□ UL94V-0 Flammability Classification
□ ESD Protection >40k Voltage
□ ,High Surge Current Capability
□ Peak Off-State voltage from 58~300V
□ Meet IEC100-4-4 & -5 Industry requirement
□ Low Capacitance for T1/E1 Trunk and Line Card Application
□ Provides Protection in Accordance with FCC part 68, UL1459, Bellcore 1089, ITU-TK. 20& K.21
Part No
CODE
Repetitive
Peak Off
Stage
Vdrm
(V)
Switching
Vol@100
V/uS
Vs
(V)
Minimum
Holding Current
dI/dt=1A/ms
Ipp
(mA)
Switching
Current Is
(mA)
Urge Rating
Ipp@
10/1000us
(A)
On-stage
Current
IT
(A)
Typical
Capacitance
@50V
.@1MHz
(pF)
TSP110A
TSP130A
TSP150A
TSP180A
TSP230A
TSP260A
TSP310A
TSP350A
GF
GG
GH
GI
GJ
GK
GL
GM
90
120
140
160
190
220
275
300
130
160
180
220
260
300
350
400
150
150
150
150
150
150
150
150
800
800
800
800
800
800
800
800
50
50
50
50
50
50
50
50
1
1
1
1
1
1
1
1
60
40
40
40
30
30
30
30
TSP110B
TSP130B
TSP150B
TSP180B
TSP230B
TSP260B
TSP310B
TSP350B
GS
GT
GU
GV
GW
GX
GY
GZ
90
120
140
160
190
220
275
300
130
160
180
220
260
300
350
400
150
150
150
150
150
150
150
150
800
800
800
800
800
800
800
800
75
75
75
75
75
75
75
75
1
1
1
1
1
1
1
1
100
70
70
70
50
50
40
40
MAX OFF-STATE CURRENT @ VDRM: 5uA; MAX ON-STATE VOL @ IT:5V
DO-214AA
(SMB)


Similar Part No. - TSP150B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TSP150B FCI-TSP150B Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
TSP150BL FCI-TSP150BL Datasheet
110Kb / 3P
THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
TSP150BL FCI-TSP150BL Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
TSP150BLL FCI-TSP150BLL Datasheet
1,014Kb / 4P
LOW CAPACITANCE THYRISTOR SERIES CAPACITANCE THYRISTOR SERIES
More results

Similar Description - TSP150B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SC PANJIT-TSP058SC Datasheet
110Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Lite-On Technology Corp...
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
First Components Intern...
TSP110AL FCI-TSP110AL Datasheet
110Kb / 3P
THYRISTOR SURGE PROTECTOR AXIAL LEAD TYPE
logo
Bourns Electronic Solut...
2054-23 BOURNS-2054-23 Datasheet
253Kb / 2P
Surface Mount Gas Discharge Tube Surge Protector
logo
Bruckewell Technology L...
TSP0080SB BWTECH-TSP0080SB_16 Datasheet
807Kb / 5P
Surface Mount Thyristor Surge Protective Devices
logo
Shanghai Leiditech Elec...
SDP5024G LEIDITECH-SDP5024G Datasheet
618Kb / 5P
Integrated Thyristor Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com