Electronic Components Datasheet Search
  English  ▼

X  

IRLR2908TRLPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR2908TRLPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR2908TRLPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLR2908TRLPBF Datasheet HTML 1Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 2Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 3Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 4Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 5Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 6Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 7Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 8Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U2908PbF
2
www.irf.com
S
D
G
S
D
G
Notes
 through ˆ are on page 11
HEXFET® is a registered trademark of International Rectifier.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
80
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.085
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
22.5
28
m
Ω
–––
25
30
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
gfs
Forward Transconductance
35
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
22
33
nC
Qgs
Gate-to-Source Charge
–––
6.0
9.1
Qgd
Gate-to-Drain ("Miller") Charge
–––
11
17
td(on)
Turn-On Delay Time
–––
12
–––
ns
tr
Rise Time
–––95–––
td(off)
Turn-Off Delay Time
–––
36
–––
tf
Fall Time
–––55–––
LD
Internal Drain Inductance
–––
4.5
–––
nH
Between lead,
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1890
–––
pF
Coss
Output Capacitance
–––
260
–––
Crss
Reverse Transfer Capacitance
–––
35
–––
Coss
Output Capacitance
–––
1920
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
310
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
39
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
150
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
75
110
ns
Qrr
Reverse Recovery Charge
–––
210
310
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 64V
VGS = 4.5V
ƒ = 1.0MHz, See Fig. 5
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 4.5V
f
MOSFET symbol
VGS = 0V
VDS = 25V
VGS = 0V, VDS = 64V, ƒ = 1.0MHz
Conditions
VGS = 0V, VDS = 0V to 64V
TJ = 25°C, IF = 23A, VDD = 25V
di/dt = 100A/µs
f
TJ = 25°C, IS = 23A, VGS = 0V f
showing the
integral reverse
p-n junction diode.
VDS = VGS, ID = 250µA
VDS = 80V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
RG = 8.3
Ω
ID = 23A
VDS = 25V, ID = 23A
VDD = 40V
ID = 23A
VGS = 16V
VGS = -16V
VGS = 4.5V, ID = 20A
f
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 23A
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com