Electronic Components Datasheet Search
  English  ▼

X  

IRLR2908TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR2908TRLPBF
Description  Advanced Process Technology
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR2908TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR2908TRLPBF Datasheet HTML 1Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 2Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 3Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 4Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 5Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 6Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 7Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 8Page - International Rectifier IRLR2908TRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
10/01/10
www.irf.com
1
IRLR2908PbF
IRLU2908PbF
HEXFET® Power MOSFET
Description
This HEXFET ® Power MOSFET utilizes the latest processing techniques
to achieve extremely low on-resistance per silicon area. Additional features
of this HEXFET power MOSFET are a 175°C junction operating temperature,
low R
θJC, fast switching speed and improved repetitive avalanche rating.
These features combine to make this design an extremely efficient and
reliable device for use in a wide variety of applications.
The D-Pak is designed for surface mounting using vapor phase, infrared,
or wave soldering techniques. The straight lead version (IRFU series) is
for through-hole mounting applications. Power dissipation levels up to 1.5
watts are possible in typical surface mount applications.
S
D
G
VDSS = 80V
RDS(on) = 28mΩ
ID = 30A
D-Pak
IRLR2908PbF
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
Dynamic dv/dt Rating
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
I-Pak
IRLU2908PbF
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
™
A
EAR
Repetitive Avalanche Energy
h
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.3
°C/W
RθJA
Junction-to-Ambient (PCB Mount)
jÃ
–––
40
RθJA
Junction-to-Ambient
–––
110
120
0.77
± 16
180
250
See Fig.12a,12b,15,16
Max.
39
28
150
30
300 (1.6mm from case )
-55 to + 175
2.3
PD - 95552B


Similar Part No. - IRLR2908TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR2908TRPBF IRF-IRLR2908TRPBF Datasheet
340Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR2908TRPBF VBSEMI-IRLR2908TRPBF Datasheet
1,022Kb / 8P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - IRLR2908TRLPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com