Electronic Components Datasheet Search
  English  ▼

X  

USB3300-EZK Datasheet(PDF) 8 Page - Microchip Technology

Part # USB3300-EZK
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300-EZK Datasheet(HTML) 8 Page - Microchip Technology

Back Button USB3300-EZK Datasheet HTML 4Page - Microchip Technology USB3300-EZK Datasheet HTML 5Page - Microchip Technology USB3300-EZK Datasheet HTML 6Page - Microchip Technology USB3300-EZK Datasheet HTML 7Page - Microchip Technology USB3300-EZK Datasheet HTML 8Page - Microchip Technology USB3300-EZK Datasheet HTML 9Page - Microchip Technology USB3300-EZK Datasheet HTML 10Page - Microchip Technology USB3300-EZK Datasheet HTML 11Page - Microchip Technology USB3300-EZK Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.1 (01-24-13)
8
SMSC USB3300
DATASHEET
Chapter 1 General Description
The USB3300 is an industrial temperature Hi-Speed USB Physical Layer Transceiver (PHY). The
USB3300 uses a low pin count interface (ULPI) to connect to a ULPI compliant Link layer. The ULPI
interface reduces the UTMI+ interface from 54 pins to 12 pins using a method of in-band signaling and
status byte transfers between the Link and PHY.
This PHY was designed from the start with the ULPI interface. No UTMI to ULPI wrappers are used
in this design which provides a seamless ULPI to Link interface. The result is a PHY with a low latency
transmit and receive time. SMSC’s low latency high speed and full speed receiver provide the option
of re-using existing UTMI Links with a simple wrapper to convert UTMI to ULPI.
The ULPI interface allows the USB3300 PHY to operate as a device, host, or an On-The-Go (OTG)
device. Designs using the USB3300 PHY as a device, can add host and OTG capability at a later date
with no additional pins.
The ULPI interface, combined with SMSC’s proprietary technology, makes the USB3300 the ideal
method of adding Hi-Speed USB to new designs. The USB3300 features an industry leading small
footprint package (5mm by 5mm) with sub 1mm height. In addition the USB3300 integrates all DP and
DM termination resistances and requires a minimal number of external components.
The ULPI interface consists of 12 interface pins; 8 bi-directional data pins, 3 control pins, and a 60
MHz clock. By using the 12 pin ULPI interface the USB3300 is able to provide support for the full range
of UTMI+ Level 3 through Level 0, as shown in Figure 1.2. This allows USB3300 to work as a HS and
FS peripheral and as a HS, FS, and LS Host.
The USB3300 can also, as an option, fully support the On-the-Go (OTG) protocol defined in the On-
The-Go Supplement to the USB 2.0 Specification. On-the-Go allows the USB3300 to function like a
host, or peripheral configured dynamically by software. For example, a cell phone may connect to a
computer as a peripheral to exchange address information or connect to a printer as a host to print
pictures. Finally the OTG enabled device can connect to another OTG enabled device to exchange
information. All this is supported using a single low profile Mini-AB USB connector.
Designs not needing OTG can ignore the OTG feature set.
In addition to the advantages of the leading edge ULPI interface, the use of SMSC’s advanced analog
technology enables the USB3300 to consume a minimum amount of power which results in maximized
battery life for portable applications.
Figure 1.1 Basic ULPI USB Device Block Diagram
USB3300
Hi-Speed
Analog
w/ OTG
ULPI
Digital
Logic
USB
Connector
(Standard
or Mini)
ULPI
LINK
DM
VBUS
DP
ID
STP
CLK
DIR
NXT
DATA[7:0]
32 Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com