Electronic Components Datasheet Search
  English  ▼

X  

USB3300-EZK Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3300-EZK
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300-EZK Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3300-EZK Datasheet HTML 14Page - Microchip Technology USB3300-EZK Datasheet HTML 15Page - Microchip Technology USB3300-EZK Datasheet HTML 16Page - Microchip Technology USB3300-EZK Datasheet HTML 17Page - Microchip Technology USB3300-EZK Datasheet HTML 18Page - Microchip Technology USB3300-EZK Datasheet HTML 19Page - Microchip Technology USB3300-EZK Datasheet HTML 20Page - Microchip Technology USB3300-EZK Datasheet HTML 21Page - Microchip Technology USB3300-EZK Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
Revision 1.1 (01-24-13)
18
SMSC USB3300
DATASHEET
Note:
VDD3.3 = 3.0 to 3.6V; VSS = 0V; TA = -40C to +85C; unless otherwise specified.
HS FUNCTIONALITY
Input levels
HS Differential Input
Sensitivity
VDIHS
| V(DP) - V(DM) |
100
mV
HS Data Signaling Common
Mode Voltage Range
VCMHS
-50
500
mV
HS Squelch Detection
Threshold (Differential)
VHSSQ
Squelch Threshold
100
mV
Un-squelch Threshold
150
mV
Output Levels
Hi-Speed Low Level
Output Voltage (DP/DM
referenced to GND)
VHSOL
45Ω load
-10
10
mV
Hi-Speed High Level
Output Voltage (DP/DM
referenced to GND)
VHSOH
45Ω load
360
440
mV
Hi-Speed IDLE Level
Output Voltage (DP/DM
referenced to GND)
VOLHS
45Ω load
-10
10
mV
Chirp-J Output Voltage
(Differential)
VCHIRPJ
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
700
1100
mV
Chirp-K Output Voltage
(Differential)
VCHIRPK
HS termination resistor
disabled, pull-up resistor
connected. 45Ω load.
-900
-500
mV
Leakage Current
OFF-State Leakage Current
ILZ
±10
uA
Port Capacitance
Transceiver Input
Capacitance
CIN
Pin to GND
5
10
pF
Table 5.5 Dynamic Characteristics: Analog I/O Pins (DP/DM)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FS Output Driver Timing
Rise Time
TFSR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Fall Time
TFFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first
transition from IDLE state
1.3
2.0
V
Table 5.4 DC Electrical Characteristics: Analog I/O Pins (DP/DM) (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com