Electronic Components Datasheet Search
  English  ▼

X  

LCG_H9RM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LCG_H9RM
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG_H9RM Datasheet(HTML) 4 Page - OSRAM GmbH

  LCG_H9RM Datasheet HTML 1Page - OSRAM GmbH LCG_H9RM Datasheet HTML 2Page - OSRAM GmbH LCG_H9RM Datasheet HTML 3Page - OSRAM GmbH LCG_H9RM Datasheet HTML 4Page - OSRAM GmbH LCG_H9RM Datasheet HTML 5Page - OSRAM GmbH LCG_H9RM Datasheet HTML 6Page - OSRAM GmbH LCG_H9RM Datasheet HTML 7Page - OSRAM GmbH LCG_H9RM Datasheet HTML 8Page - OSRAM GmbH LCG_H9RM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2012-05-23
4
Version 1.0
LCG H9RM
Characteristics (T
S = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to
CIE 1931
2) page 22
Farbkoordinaten nach CIE 1931
2)
Seite 22
(within
λ = 500 ... 600 nm)
(typ.)
(typ.)
Cx
Cy
0.318
0.642
-
-
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2
ϕ
120
°
Forward voltage
3) page 22
Durchlassspannung
3) Seite 22
(min.)
(typ.)
(max.)
V
F
V
F
V
F
3.00
3.30
4.00
V
V
V
Reverse current
Sperrstrom
I
R
not designed for reverse operation
Partial Flux acc. CIE 127:2007
Partieller Fluss
(typ.)
Φ
E/V, 120°
0.77
Radiating surface
Abstrahlende Fläche
(typ.)
A
color
0.72 x 0.72
mm2
Real thermal resistance junction /
solder point
4) page 22
Realer Wärmewiderstand
Sperrschicht / Lötpad
4) Seite 22
(typ.)
(max.)
R
th JS real
R
th JS real
20
25
K/W
K/W
"Electrical" thermal resistance
junction / solder point
4) page 22
"Elektrischer" Wärmewiderstand
Sperrschicht / Lötpad
4) Seite 22
(with efficiency
η
e = 29 %)
(typ.)
(max.)
R
th JS el
R
th JS el
14
18
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com