Electronic Components Datasheet Search
  English  ▼

X  

LCG_H9RM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LCG_H9RM
Description  OSRAM OSTAR Projection Cube is a new high flux LED for slim designs especially for Projection applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCG_H9RM Datasheet(HTML) 5 Page - OSRAM GmbH

  LCG_H9RM Datasheet HTML 1Page - OSRAM GmbH LCG_H9RM Datasheet HTML 2Page - OSRAM GmbH LCG_H9RM Datasheet HTML 3Page - OSRAM GmbH LCG_H9RM Datasheet HTML 4Page - OSRAM GmbH LCG_H9RM Datasheet HTML 5Page - OSRAM GmbH LCG_H9RM Datasheet HTML 6Page - OSRAM GmbH LCG_H9RM Datasheet HTML 7Page - OSRAM GmbH LCG_H9RM Datasheet HTML 8Page - OSRAM GmbH LCG_H9RM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 1.0
LCG H9RM
2012-05-23
5
Brightness Groups
Helligkeits-Gruppierungsschema
Group
Luminous Flux
1) page
22
Luminous Flux
1) page
22
Luminous Intensity
5)
page 22
Gruppe
Lichtstrom
1) Seite 22
Lichtstrom
1) Seite 22
Lichtstärke
5) Seite 22
(min.)
Φ
V [lm]
(max.)
Φ
V [lm]
(typ.) I
V [cd]
KZ
97
112
35
LX
112
130
40
LY
130
150
45
LZ
150
180
55
Note:
The standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness
groups of only a few brightness groups. Individual brightness groups cannot be ordered.
Anm.:
Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere Familiengruppe oder eine Sammelgruppe, die
aus nur wenigen Helligkeitsgruppen bestehen. Einzelne Helligkeitsgruppen sind nicht bestellbar.
Chromaticity coordinate groups 2) page 22
Farbortgruppen 2) Seite 22
within
λ = 500 ... 600 nm
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
Cx
Cy
0,630
0,640
0,650
0,310
0,320
0,330
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com