Electronic Components Datasheet Search
  English  ▼

X  

LECGQ9WP Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LECGQ9WP Datasheet HTML 8Page - OSRAM GmbH LECGQ9WP Datasheet HTML 9Page - OSRAM GmbH LECGQ9WP Datasheet HTML 10Page - OSRAM GmbH LECGQ9WP Datasheet HTML 11Page - OSRAM GmbH LECGQ9WP Datasheet HTML 12Page - OSRAM GmbH LECGQ9WP Datasheet HTML 13Page - OSRAM GmbH LECGQ9WP Datasheet HTML 14Page - OSRAM GmbH LECGQ9WP Datasheet HTML 15Page - OSRAM GmbH LECGQ9WP Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
2012-06-27
12
Version 2.0
LE CG Q9WP
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
Cx, Cy = f(T
j); IF = 1400 mA
within
λ = 500 ... 600 nm
Chromaticity Coordinate Shift 5) page 21
Farbortverschiebung 5) Seite 21
Cx, Cy = f(T
j); IF = 1400 mA
full spectral range
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
ΔCx; ΔCy
: Cx
: Cy
OHL05134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com