Electronic Components Datasheet Search
  English  ▼

X  

LECGQ9WP Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LECGQ9WP Datasheet HTML 13Page - OSRAM GmbH LECGQ9WP Datasheet HTML 14Page - OSRAM GmbH LECGQ9WP Datasheet HTML 15Page - OSRAM GmbH LECGQ9WP Datasheet HTML 16Page - OSRAM GmbH LECGQ9WP Datasheet HTML 17Page - OSRAM GmbH LECGQ9WP Datasheet HTML 18Page - OSRAM GmbH LECGQ9WP Datasheet HTML 19Page - OSRAM GmbH LECGQ9WP Datasheet HTML 20Page - OSRAM GmbH LECGQ9WP Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Version 2.0
LE CG Q9WP
2012-06-27
17
Tape and Reel
Gurtverpackung
12 mm tape with 500 pcs. on 180 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P
0
P
1
P
2
D
0
E
F
12 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
4 ± 0.1
(0.157 ±
0.004)
or
8 ± 0.1
(0.315 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
5.5 ± 0.05
(0.217 ±
0.002)
A
W
N
min
W
1
W
2max
180 (7)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 +
0.079)
18.4 (0.724)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
160 mm
160 mm
400 mm
400 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com