Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 13Page - Texas Instruments LM3263 Datasheet HTML 14Page - Texas Instruments LM3263 Datasheet HTML 15Page - Texas Instruments LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Signal driven by Master.
For reference only.
Signal not driven; pull-down only.
SA3
SA2
SA1
SA0
1
P
Data
SDATA
SCLK
Slave Address
0
D1
D0
D2
D5
D4
D3
D6
SSC
Bus
Park
Parity
t0
t3
t2
t1
Trigger is programmed. VSET and
SMPS_CFG loaded from shadow
registers. LM3263 initializes and
powers up internal circuit blocks.
Transmit Slot Boundary. DC-DC
output settled (95%).
VBATT applied, VIO = 0V.
LM3263 in Shutdown.
t4
VIO
RFFE write
SMPS_CFG= auto PFM
(Reg 01h = 20h)
SDATA
VOUT
3.4V
0V
t0
t4
t3
t2
t1
VIO applied.150ns later
LM3263 is in Low Power, and
RFFE configuration writes may
occur.
DC-DC is active in normal mode.
VBATT
5 Ps (min)
25 Ps max
50 Ps max
RFFE write
VSET = DC-DC VOUT
(Reg 03h = E3h)
APT
Active
Shutdown
Low Power
Initialization
SW
RFFE write
PM_TRIG
(Reg 1Ch = 02h)
LM3263
www.ti.com
SNVS837 – JUNE 2013
Figure 22. Triggered Startup Sequence
RFFE Interface
The Digital Control Serial Bus Interface provides MIPI RF Front-End Control Interface compatible access to the
programmable functions and registers on the device. The LM3263 uses a three-pin digital interface; two for
bidirectional communications between the IC’s connected to the bus, along with an interface voltage reference
VIO that also acts as asynchronous enable and reset. When VIO voltage supply is applied to the Bus, it enables
the Slave interface and resets the user-defined Slave registers to the default settings. The LM3263 can be set to
shutdown mode via the asynchronous VIO signal or low-power mode by setting the appropriate register via Serial
Bus Interface. The two communication lines are serial data (SDATA), and clock (SCLK). SCLK and SDATA must
be held low until VIO is present. The LM3263 connects as slave on a single-master Serial Bus Interface.
The SDATA signal is bidirectional, driven by the Master or a Slave. Data is written on the rising edge (transition
from logical level zero to logical level one) of the SCLK signal by both Master and Slaves. Master and Slave both
read the data on the falling edge (transition from logical level one to logical level zero) of the SCLK signal. A
logic-low level applied to VIO signal powers off the digital interface.
Supported Command Sequences
Figure 23. Register 0 Write
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com