Electronic Components Datasheet Search
  English  ▼

X  

LM3263 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM3263
Description  LM3263 High-Current Step-Down DC-DC Converter with MIPI짰 RF Front-End Control Interface for RF Power Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3263 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3263 Datasheet HTML 14Page - Texas Instruments LM3263 Datasheet HTML 15Page - Texas Instruments LM3263 Datasheet HTML 16Page - Texas Instruments LM3263 Datasheet HTML 17Page - Texas Instruments LM3263 Datasheet HTML 18Page - Texas Instruments LM3263 Datasheet HTML 19Page - Texas Instruments LM3263 Datasheet HTML 20Page - Texas Instruments LM3263 Datasheet HTML 21Page - Texas Instruments LM3263 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
SA3
SA2
SA1
SA0
0
1
1
A4
A3
A2
A1
A0
P
SCLK
SDATA
SCLK
A
A
D1
D0
P
D2
D5
D4
D3
D6
D7
0
SDATA
For reference only.
Signal driven by Slave.
Signal not driven; pulldown only.
Signal driven by Master.
P
0
Bus
Park
Bus
Park
SSC
Register Read Command Frame
Data Frame (from Slave)
SA3
SA2
SA1
SA0
0
1
0
A4
A3
A2
A1
A0
P
Register Write Command Frame
SCLK
SDATA
SCLK
SSC
A
A
Signal driven by Master.
For reference only.
Signal not driven; pull-down only.
D1
D0
P
D2
D5
D4
D3
D6
P
D7
0
Data Frame
SDATA
Bus
Park
LM3263
SNVS837 – JUNE 2013
www.ti.com
Figure 24. Register Write
Figure 25. Register Read
Device Enumeration
The interface component recognizes broadcast Slave Address (SID) of 0000b and is configured, via internal
interface signals, with a Unique SID address (USID) and a Group SID address (GSID). The USID is set to 0100b
and GSID set to 0000b. The register-set component will typically set the USID to a fixed value; however, it is also
possible to select a second pre-set USID if a second LM3263 is needed on the board. This second User ID can
be set by forcing a voltage > 1.36V at the GPO1 pin for USID = 0101b. Please refer to GPO1 for detailed usage
and programmability of the USID. The USID can also be re-programmed via the standard protocol for
programming the RFFE as defined in the RFFE spec. The USID should not be programmed to the reserved
broadcast slave id of 0000b. A value of 0000b will be ignored by the device.
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com