Electronic Components Datasheet Search
  English  ▼

X  

TMP108AIYFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108AIYFFR
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 5 Page - Texas Instruments

  TMP108AIYFFR Datasheet HTML 1Page - Texas Instruments TMP108AIYFFR Datasheet HTML 2Page - Texas Instruments TMP108AIYFFR Datasheet HTML 3Page - Texas Instruments TMP108AIYFFR Datasheet HTML 4Page - Texas Instruments TMP108AIYFFR Datasheet HTML 5Page - Texas Instruments TMP108AIYFFR Datasheet HTML 6Page - Texas Instruments TMP108AIYFFR Datasheet HTML 7Page - Texas Instruments TMP108AIYFFR Datasheet HTML 8Page - Texas Instruments TMP108AIYFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TMP108
1.4 V to 3.6 V
GND
A2
A1
C2
B2
B1
A0
C1
V+
SDA
SCL
ALERT
GND
V+
100 kW
Two-Wire
Controller
TMP108
www.ti.com
SBOS663 – APRIL 2013
APPLICATION INFORMATION
The TMP108 is a digital temperature sensor optimal for thermal management and thermal protection
applications. The TMP108 is two-wire and SMBus Interface compatible, and is specified over a temperature
range of –40°C to +125°C.
The TMP108 temperature sensor is the chip itself; the solder bumps provide the primary thermal path as a result
of the lower thermal resistance of metal. The temperature sensor result is equivalent to the local temperature of
the printed circuit board (PCB) on which the sensor is mounted.
The TMP108 only requires pull-up resistors on SCL and SDA; although, a 0.01
μF bypass capacitor is
recommended, as shown in Figure 7. There is an internal 100 k
Ω pull-up resistor connected to supply on the
ALERT pin. If required, use an external resistor of smaller value on the ALERT pin for a stronger pull-up to V+.
The SCL and SDA lines can be pulled up to a supply that is equal to or higher than V+ through the pull-up
resistors. To configure one of four different addresses on the bus, connect A0 to either V+, GND, SCL, or SDA. If
A0 is connected to SCL or SDA, make their pull-up supply equal to V+.
Figure 7. Typical Application Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com