Electronic Components Datasheet Search
  English  ▼

X  

TMP108AIYFFR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP108AIYFFR
Description  Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP108AIYFFR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP108AIYFFR Datasheet HTML 10Page - Texas Instruments TMP108AIYFFR Datasheet HTML 11Page - Texas Instruments TMP108AIYFFR Datasheet HTML 12Page - Texas Instruments TMP108AIYFFR Datasheet HTML 13Page - Texas Instruments TMP108AIYFFR Datasheet HTML 14Page - Texas Instruments TMP108AIYFFR Datasheet HTML 15Page - Texas Instruments TMP108AIYFFR Datasheet HTML 16Page - Texas Instruments TMP108AIYFFR Datasheet HTML 17Page - Texas Instruments TMP108AIYFFR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
TMP108
SBOS663 – APRIL 2013
www.ti.com
TIMING DIAGRAMS
The TMP108 is two-wire and SMBus compatible. Figure 12 to Figure 15 describe the various operations on the
TMP108. Parameters for Figure 12 are defined in Table 12. Bus definitions are:
Bus Idle: Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line, from high to low, while the SCL line is high defines a
start condition. Each data transfer is initiated with a start condition.
Stop Data Transfer: A change in the state of the SDA line from low to high while the SCL line is high defines a
stop condition. Each data transfer is terminated with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and a stop condition is not limited, and is
determined by the master device. The receiver acknowledges the transfer of data. It is also possible to use the
TMP108 for single-byte updates. To update only the MS byte, terminate communication by issuing a start or stop
condition on the bus.
Acknowledge: Each receiving device, when addressed, must generate an acknowledge bit. A device that
acknowledges must pull down the SDA line during the acknowledge clock pulse so that the SDA line is stable
low during the high period of the acknowledge clock pulse. Setup and hold times must be taken into account.
When a master receives data, the termination of the data transfer can be signaled by the master generating a
not-acknowledge ('1') on the last byte transmitted by the slave.
Table 12. Timing Diagram Definitions
FAST MODE
HIGH-SPEED MODE
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
SCL operating frequency, V+
≥ 1.8 V
0.001
0.4
0.001
3.4
MHz
f(SCL)
SCL operating frequency, V+ < 1.8 V
0.001
0.4
0.001
2.5
MHz
Bus free time between stop and start conditions, V+
1300
160
ns
≥ 1.8 V
t(BUF)
Bus free time between stop and start conditions, V+
1300
260
ns
< 1.8 V
Hold time after repeated start condition.
t(HDSTA)
600
160
ns
After this period, the first clock is generated.
t(SUSTA)
Repeated start condition setup time
600
160
ns
t(SUSTO)
Stop condition setup time
600
160
ns
Data hold time, V+
≥ 1.8 V
0
900
0
70
ns
t(HDDAT)
Data hold time, V+ < 1.8 V
0
900
0
130
ns
Data setup time, V+
≥ 1.8 V
100
10
ns
t(SUDAT)
Data setup time, V+ < 1.8 V
100
50
ns
SCL clock low period, V+
≥ 1.8 V
1300
160
ns
t(LOW)
SCL clock low period, V+ < 1.8 V
1300
260
ns
t(HIGH)
SCL clock high period
600
60
ns
tR , tF - SDA
Data rise/fall time
300
80
ns
tR , tF - SCL
Clock rise/fall time
300
40
ns
tR
Clock/data rise time for SCLK
≤ 100 kHz
1000
ns
14
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TMP108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com