Electronic Components Datasheet Search
  English  ▼

X  

LP40DZ11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LP40DZ11
Description  Low Profile, High Current IHLP® Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP40DZ11 Datasheet(HTML) 2 Page - Vishay Siliconix

  LP40DZ11 Datasheet HTML 1Page - Vishay Siliconix LP40DZ11 Datasheet HTML 2Page - Vishay Siliconix LP40DZ11 Datasheet HTML 3Page - Vishay Siliconix LP40DZ11 Datasheet HTML 4Page - Vishay Siliconix LP40DZ11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IHLP-4040DZ-11
www.vishay.com
Vishay Dale
Revision: 20-Oct-11
2
Document Number: 34192
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
IHLP-4040DZ-11 0.19 µH
0.00
0.05
0.10
0.15
0.20
0.25
0
1020
3040
5060
70
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 0.22 µH
0.00
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
30
35
40
45 50
55 60
65
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 0.24 µH
0.00
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
30
35
40
45 50
55 60
65
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 0.36 µH
0.0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
35
40
45
50
55
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 0.47 µH
0.00
0.10
0.20
0.30
0.40
0.50
0
5
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
DC CURRENT (A)
ΔT °C
L
IHLP-4040DZ-11 0.56 µH
0.00
0.20
0.40
0.60
0.80
1.00
0
10203040
55
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L
515
25
35
45
50
IHLP-4040DZ-11 0.78 µH
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
35
40
45
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 1.0 µH 20 %
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com