Electronic Components Datasheet Search
  English  ▼

X  

LP40DZ11 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LP40DZ11
Description  Low Profile, High Current IHLP® Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LP40DZ11 Datasheet(HTML) 3 Page - Vishay Siliconix

  LP40DZ11 Datasheet HTML 1Page - Vishay Siliconix LP40DZ11 Datasheet HTML 2Page - Vishay Siliconix LP40DZ11 Datasheet HTML 3Page - Vishay Siliconix LP40DZ11 Datasheet HTML 4Page - Vishay Siliconix LP40DZ11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IHLP-4040DZ-11
www.vishay.com
Vishay Dale
Revision: 20-Oct-11
3
Document Number: 34192
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS
IHLP-4040DZ-11 1.8 µH 20 %
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
1214 16
18
2022 24
26
0
20
40
60
80
100
DC BIAS (A)
L
ΔT °C
IHLP-4040DZ-11 2.0 µH
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
0
20
40
60
80
100
ΔT °C
DC BIAS (A)
L
IHLP-4040DZ-11 4.7 µH
0
1
2
3
4
5
02
4
6
8
10
12
14
16
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L
IHLP-4040DZ-11 6.8 µH
0
1.5
3.0
4.5
6.0
7.5
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
0
20
40
60
80
100
DC CURRENT (A)
L
ΔT °C
IHLP-4040DZ-11 10 µH
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
11
12
0
20
40
60
80
100
DC CURRENT (A)
L
ΔT °C
IHLP-4040DZ-11 15 µH
DC CURRENT (A)
0
2
4
6
8
10
12
14
16
18
20
0123
45
6789
0
10
20
30
40
50
60
70
80
90
100
L
ΔT °C
IHLP-4040DZ-11 22 µH
0
5
10
15
20
25
01
2
3
4
5
6
7
8
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L
IHLP-4040DZ-11 33 µH
0
10
20
30
40
50
0123456
0
20
40
60
80
100
ΔT °C
DC CURRENT (A)
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com