Electronic Components Datasheet Search
  English  ▼

X  

M95M02-DRMN6TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95M02-DRMN6TP
Description  2-Mbit serial SPI bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRMN6TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95M02-DRMN6TP Datasheet HTML 14Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 15Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 16Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 17Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 18Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 19Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 20Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 21Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Instructions
M95M02-DR
18/41
DocID18203 Rev 8
Figure 9. Write Disable (WRDI) sequence
6.3
Read Status Register (RDSR)
The Read Status Register (RDSR) instruction is used to read the Status Register. The
Status Register may be read at any time, even while a Write or Write Status Register cycle is
in progress. When one of these cycles is in progress, it is recommended to check the Write
In Progress (WIP) bit before sending a new instruction to the device. It is also possible to
read the Status Register continuously, as shown in Figure 10.
Figure 10. Read Status Register (RDSR) sequence
The status and control bits of the Status Register are as follows:
6.3.1
WIP bit
The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write
Status Register cycle. When set to 1, such a cycle is in progress, when reset to 0, no such
cycle is in progress.
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com