Electronic Components Datasheet Search
  English  ▼

X  

M95M02-DRMN6TP Datasheet(PDF) 25 Page - STMicroelectronics

Part # M95M02-DRMN6TP
Description  2-Mbit serial SPI bus EEPROM
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRMN6TP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M95M02-DRMN6TP Datasheet HTML 21Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 22Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 23Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 24Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 25Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 26Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 27Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 28Page - STMicroelectronics M95M02-DRMN6TP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID18203 Rev 8
25/41
M95M02-DR
Instructions
6.7
Read Identification Page
The Identification Page (256 bytes) is an additional page which can be written and (later)
permanently locked in Read-only mode.
Reading this page is achieved with the Read Identification Page instruction (see Table 3).
The Chip Select signal (S) is first driven low, the bits of the instruction byte and address
bytes are then shifted in, on Serial Data Input (D). Address bit A10 must be 0, upper address
bits are Don't Care, and the data byte pointed to by the lower address bits [A7:A0] is shifted
out on Serial Data Output (Q). If Chip Select (S) continues to be driven low, the internal
address register is automatically incremented, and the byte of data at the new address is
shifted out.
The number of bytes to read in the ID page must not exceed the page boundary, otherwise
unexpected data is read (e.g.: when reading the ID page from location 90d, the number of
bytes should be less than or equal to 166d, as the ID page boundary is 256 bytes).
The read cycle is terminated by driving Chip Select (S) high. The rising edge of the Chip
Select (S) signal can occur at any time during the cycle. The first byte addressed can be any
byte within any page.
The instruction is not accepted, and is not executed, if a write cycle is currently in progress.
Figure 15. Read Identification Page sequence
MS30907V1
C
D
S
Q
23
2
1
3
4
5
6
7
8
9 10
28 29 30 31 32 33 34 35
22 21
3
2
1
0
36 37 38
76543
1
7
0
High impedance
Data Out 1
Instruction
24-bit address
0
MSB
MSB
2
39
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com