Electronic Components Datasheet Search
  English  ▼

X  

TLMP3102 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMP3102
Description  Standard SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3102 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMP3102 Datasheet HTML 1Page - Vishay Siliconix TLMP3102 Datasheet HTML 2Page - Vishay Siliconix TLMP3102 Datasheet HTML 3Page - Vishay Siliconix TLMP3102 Datasheet HTML 4Page - Vishay Siliconix TLMP3102 Datasheet HTML 5Page - Vishay Siliconix TLMP3102 Datasheet HTML 6Page - Vishay Siliconix TLMP3102 Datasheet HTML 7Page - Vishay Siliconix TLMP3102 Datasheet HTML 8Page - Vishay Siliconix TLMP3102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number 83032
Rev. 1.8, 12-Sep-07
www.vishay.com
5
Vishay Semiconductors
TLMG/H/O/P/Y310.
Figure 7. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 8. Relative Luminous Intensity vs. Forward Current
Figure 9. Relative Intensity vs. Wavelength
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10321
500
0.5
0.2
0.1
0.05
0.02
1
I
F (mA)
t
P/T
2.0
red
0.01
0.1
1
10
IF - Forward Current (mA)
100
10
1
95 9995
red
590
610
630
650
670
0
0.2
0.4
0.6
0.8
1.2
690
95 10040
λ - Wavelength (nm)
1.0
red
Figure 10. Forward Current vs. Forward Voltage
Figure 11. Rel. Luminous Intensity vs. Ambient Temperature
Figure 12. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
0.1
1
10
100
95 9990
soft orange
VF - Forward Voltage (V)
5
4
3
2
1
0
95 9994
soft orange
0
0.4
0.8
1.2
1.6
2.0
100
T
amb - Ambient Temperature (°C)
020
40
60
80
95 10259
soft orange
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
tp/T
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com