Electronic Components Datasheet Search
  English  ▼

X  

TLMP3102 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMP3102
Description  Standard SMD LED PLCC-2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP3102 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMP3102 Datasheet HTML 1Page - Vishay Siliconix TLMP3102 Datasheet HTML 2Page - Vishay Siliconix TLMP3102 Datasheet HTML 3Page - Vishay Siliconix TLMP3102 Datasheet HTML 4Page - Vishay Siliconix TLMP3102 Datasheet HTML 5Page - Vishay Siliconix TLMP3102 Datasheet HTML 6Page - Vishay Siliconix TLMP3102 Datasheet HTML 7Page - Vishay Siliconix TLMP3102 Datasheet HTML 8Page - Vishay Siliconix TLMP3102 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Semiconductors
TLMG/H/O/P/Y310.
Document Number 83032
Rev. 1.8, 12-Sep-07
www.vishay.com
1
Standard SMD LED PLCC-2
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with automatic
placement
equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and wave
solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 1.6
• Lead (Pb)-free device
94 8553
e3
DESCRIPTION
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the TLM.310. is the PLCC-2
(equivalent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-2
• Product series: standard
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLMH3100
Red, IV > 2.5 mcd
GaAsP on GaP
TLMH3101
Red, IV = (4 to 12.5) mcd
GaAsP on GaP
TLMH3102
Red, IV = (6.3 to 20) mcd
GaAsP on GaP
TLMO3100
Soft orange, IV > 2.5 mcd
GaAsP on GaP
TLMO3101
Soft orange, IV = (4 to 12.5) mcd
GaAsP on GaP
TLMY3100
Yellow, IV > 2.5 mcd
GaAsP on GaP
TLMY3102
Yellow, IV = (6.3 to 20) mcd
GaAsP on GaP
TLMG3100
Green, IV > 4 mcd
GaP on GaP
TLMG3102
Green, IV = (10 to 20) mcd
GaP on GaP
TLMG3105
Green, IV = (6.3 to 20) mcd
GaP on GaP
TLMP3100
Pure green, IV > 1 mcd
GaP on GaP
TLMP3101
Pure green, IV = (1.6 to 5) mcd
GaP on GaP
TLMP3107
Pure green, IV = (2.5 to 5) mcd
GaP on GaP
TLMP3102
Pure green, IV = (2.5 to 8) mcd
GaP on GaP


Similar Part No. - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP3102 VISHAY-TLMP3102 Datasheet
80Kb / 6P
SMD LED in P-LCC-2 Package
04-Feb-99
TLMP3102 VISHAY-TLMP3102 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
More results

Similar Description - TLMP3102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMB31J2L2-GS08 VISHAY-VLMB31J2L2-GS08 Datasheet
167Kb / 8P
Standard SMD LED PLCC-2
23-Oct-07
VLME31Q2T1-GS08 VISHAY-VLME31Q2T1-GS08 Datasheet
191Kb / 9P
Standard SMD LED PLCC-2
06-Sep-07
VLMF3100-GS08 VISHAY-VLMF3100-GS08 Datasheet
188Kb / 8P
Standard SMD LED PLCC-2
31-Aug-07
VLMH3100-GS08 VISHAY-VLMH3100-GS08 Datasheet
205Kb / 14P
Standard SMD LED PLCC-2
16-May-08
VLMPG31L1M2 VISHAY-VLMPG31L1M2 Datasheet
172Kb / 8P
Standard SMD LED PLCC-2
28-Feb-07
VLMS3100-GS08 VISHAY-VLMS3100-GS08 Datasheet
171Kb / 8P
Standard SMD LED PLCC-2
30-Aug-07
VLMW41R2S2-5K8L-08 VISHAY-VLMW41R2S2-5K8L-08 Datasheet
178Kb / 9P
Standard SMD LED PLCC-2
23-Oct-07
VLMY31 VISHAY-VLMY31 Datasheet
940Kb / 7P
Standard SMD LED PLCC-2
26-Apr-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMB31J2L2-GS08 TO-GRACE-VLMB31J2L2-GS08 Datasheet
641Kb / 7P
Standard SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com