Electronic Components Datasheet Search
  English  ▼

X  

ADR225 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR225
Description  210?C Precision Micropower Voltage Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR225 Datasheet(HTML) 1 Page - Analog Devices

  ADR225 Datasheet HTML 1Page - Analog Devices ADR225 Datasheet HTML 2Page - Analog Devices ADR225 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
210˚C Precision Micropower
Voltage Reference
Preliminary Technical Data
ADR225
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2013 Analog Devices, Inc. All rights reserved.
FEATURES
Extreme high temperature operation
−40°C to +210°C, Ceramic flat pack (CFP)
−40°C to +175°C, SOIC package
Temperature coefficient:
20 ppm/°C, Ceramic Flat Pack (CFP)
10 ppm/°C, SOIC Package
High output current: 10 mA
Low supply current: 50 μA Max
Initial accuracy: ±2mV
Low dropout voltage
APPLICATIONS
Down-Hole Drilling and Instrumentation
Avionics
Heavy Industrial
High Temperature Environments
GENERAL DESCRIPTION
The ADR225 is a precision bandgap voltage reference specified
for very high temperature operation. It uses a micro-power
core topology and laser trimming of highly stable, thin-film
resistors to achieve a very low temperature coefficient and high
initial accuracy while consuming very little power. A maximum
operating current of 50 μA and a low dropout voltage allows the
device to function very well in battery-powered equipment.
The reference is offered in an 8 lead SOIC plastic package with
an operating temperature range of −40°C to +175°C. It is also
available in an 8 lead ceramic flat pack (CFP) with an operating
temperature range of −40°C to +210°C. Both devices are
designed for robustness at extreme temperatures and are
qualified for 1000 hours of operation at the maximum
temperature rating.
PIN CONFIGURATION
Figure 1. 8-Lead Package
BASIC VOLTAGE REFERENCE CONNECTIONS
The circuit in Figure 2 illustrates the basic configuration for the
ADR225. Note the 10 μF/0.1 μF bypass network on the input
and at least 1 μF bypass capacitor on the output is required for
proper device operation. It is recommended that no
connections be made to Pin 1, Pin 3, Pin 5, Pin 7, and Pin 8.
Figure 2. Basic Voltage Reference Connections


Similar Part No. - ADR225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR225HFZ AD-ADR225HFZ Datasheet
217Kb / 12P
High Temperature, Low Drift, Micropower 2.5 V Reference
REV. A
ADR225HRZN AD-ADR225HRZN Datasheet
217Kb / 12P
High Temperature, Low Drift, Micropower 2.5 V Reference
REV. A
More results

Similar Description - ADR225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10 Datasheet
975Kb / 55P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
TL4051 TI-TL4051_15 Datasheet
1,022Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041-N TI1-LM4041-N_16 Datasheet
1Mb / 45P
Precision Micropower Shunt Voltage Reference
LM4040-EP TI-LM4040-EP_V01 Datasheet
954Kb / 14P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SEPTEMBER 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com