Electronic Components Datasheet Search
  English  ▼

X  

ADR225 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR225
Description  210?C Precision Micropower Voltage Reference
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR225 Datasheet(HTML) 3 Page - Analog Devices

  ADR225 Datasheet HTML 1Page - Analog Devices ADR225 Datasheet HTML 2Page - Analog Devices ADR225 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Preliminary Technical Data
ADR225
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
−0.3 V to +15 V
Output to GND
−0.3 V to VS + 0.3 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
SOIC Package
CFP Package
−40°C to +175°C
−40°C to +210°C
Junction Temperature Range
SOIC Package
CFP Package
−40°C to +175°C
−40°C to +210°C
Lead Temperature (Soldering 60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for worst-case conditions; that is, θJA is specified
s specified for the device soldered in the circuit board.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead SOIC (R)
158
43
°C/W
8-Lead CFP (RU)
TBD
TBD
°C/W
ESD CAUTION
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR11525-0-7/13(PrA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com