Electronic Components Datasheet Search
  English  ▼

X  

COP8SAA7SLB8 Datasheet(PDF) 14 Page - Texas Instruments

Part # COP8SAA7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

COP8SAA7SLB8 Datasheet(HTML) 14 Page - Texas Instruments

Back Button COP8SAA7SLB8 Datasheet HTML 10Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 11Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 12Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 13Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 14Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 15Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 16Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 17Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
DC Electrical Characteristics (Continued)
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Allowable Sink Current per Pin (Note 17)
D Outputs and L0 to L3
15
mA
All Others
3mA
Maximum Input Current without Latchup
Room Temp
±200
mA
(Note 15)
RAM Retention Voltage, Vr
2.0
V
V
CC Rise Time from a VCC ≥ 2.0V
(Note 18)
12
µs
Input Capacitance
(Note 17)
7
pF
Load Capacitance on D2
(Note 17)
1000
pF
AC Electrical Characteristics
−40˚C
≤ T
A ≤ +125˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator, External
4.5V
≤ V
CC ≤ 5.5V
1.0
DC
µs
Internal R/C Oscillator
4.5V
≤ V
CC ≤ 5.5V
1.667
DC
µs
R/C Oscillator Frequency Variation
4.5V
≤ V
CC ≤ 5.5V
TBD
%
(Note 6)
External CKI Clock Duty Cycle (Note 6)
fr = Max
45
55
%
Rise Time (Note 6)
fr = 10 MHz Ext Clock
12
ns
Fall Time (Note 6)
fr = 10 MHz Ext Clock
8
ns
Inputs
t
SETUP
4.5V
≤ V
CC ≤ 5.5V
200
ns
t
HOLD
4.5V
≤ V
CC ≤ 5.5V
60
ns
Output Propagation Delay (Note 5)
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4.5V
≤ V
CC ≤ 5.5V
0.7
µs
All Others
4.5V
≤ V
CC ≤ 5.5V
1.0
µs
MICROWIRE Setup Time (t
UWS) (Note 5)
20
ns
MICROWIRE Hold Time (t
UWH) (Note 5)
56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
MICROWIRE Maximum Shift Clock
Master Mode
500
kHz
Slave Mode
1
MHz
Input Pulse Width (Note 6)
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
Timer 1, 2, 3 Input High Time
1
t
C
Timer 1, 2, 3 Input Low Time
1
t
C
Reset Pulse Width
1
µs
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com