Electronic Components Datasheet Search
  English  ▼

X  

COP8SAA7SLB8 Datasheet(PDF) 16 Page - Texas Instruments

Part # COP8SAA7SLB8
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

COP8SAA7SLB8 Datasheet(HTML) 16 Page - Texas Instruments

Back Button COP8SAA7SLB8 Datasheet HTML 12Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 13Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 14Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 15Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 16Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 17Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 18Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 19Page - Texas Instruments COP8SAA7SLB8 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
5.0 Pin Descriptions (Continued)
Port D is an 8-bit output port that is preset high when RESET
goes low. The user can tie two or more D port outputs
(except D2) together in order to get a higher drive.
Note: Care must be exercised with the D2 pin operation. At RESET, the
external loads on this pin must ensure that the output voltages stay
above 0.7 VCC to prevent the chip from entering special modes. Also
keep the external loading on D2 to less than 1000 pF.
6.0 Functional Description
The architecture of the device is a modified Harvard archi-
tecture. With the Harvard architecture, the program memory
EPROM is separated from the data store memory (RAM).
Both EPROM and RAM have their own separate addressing
space with separate address buses. The architecture,
though based on the Harvard architecture, permits transfer
of data from EPROM to RAM.
6.1 CPU REGISTERS
The CPU can do an 8-bit addition, subtraction, logical or shift
operation in one instruction (t
C) cycle time.
There are six CPU registers:
A is the 8-bit Accumulator Register
PC is the 15-bit Program Counter Register
PU is the upper 7 bits of the program counter (PC)
PL is the lower 8 bits of the program counter (PC)
B is an 8-bit RAM address pointer, which can be optionally
post auto incremented or decremented.
X is an 8-bit alternate RAM address pointer, which can be
optionally post auto incremented or decremented.
SP is the 8-bit stack pointer, which points to the subroutine/
interrupt stack (in RAM). With reset the SP is initialized to
RAM address 02F Hex (devices with 64 bytes of RAM), or
initialized to RAM address 06F Hex (devices with 128 bytes
of RAM).
All the CPU registers are memory mapped with the excep-
tion of the Accumulator (A) and the Program Counter (PC).
6.2 PROGRAM MEMORY
The program memory consists of 1024, 2048, or 4096 bytes
of EPROM or ROM.
Table 1 shows the program memory
sizes for the different devices. These bytes may hold pro-
gram instructions or constant data (data tables for the LAID
instruction, jump vectors for the JID instruction, and interrupt
vectors for the VIS instruction). The program memory is
addressed by the 15-bit program counter (PC). All interrupts
in the device vector to program memory location 0FF Hex.
The program memory reads 00 Hex in the erased state.
6.3 DATA MEMORY
The data memory address space includes the on-chip RAM
and data registers, the I/O registers (Configuration, Data and
Pin), the control registers, the MICROWIRE/PLUS SIO shift
register, and the various registers, and counters associated
with the timers (with the exception of the IDLE timer). Data
memory is addressed directly by the instruction or indirectly
by the B, X and SP pointers.
The data memory consists of 64 or 128 bytes of RAM.
Table
1 shows the data memory sizes for the different devices.
Fifteen bytes of RAM are mapped as “registers” at ad-
dresses 0F0 to 0FE Hex. These registers can be loaded
immediately, and also decremented and tested with the
DRSZ (decrement register and skip if zero) instruction. The
memory pointer registers X, SP and B are memory mapped
into this space at address locations 0FC to 0FE Hex respec-
tively, with the other registers (except 0FF) being available
for general usage. Address location 0FF is reserved for
future RAM expansion. If compatibility with future devices
(with more RAM) is not desired, this location can be used as
a general purpose RAM location.
The instruction set permits any bit in memory to be set, reset
or tested. All I/O and registers (except A and PC) are
DS012838-10
FIGURE 5. I/O Port Configurations
DS012838-12
FIGURE 6. I/O Port Configurations — Output Mode
DS012838-11
FIGURE 7. I/O Port Configurations — Input Mode
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com