Electronic Components Datasheet Search
  English  ▼

X  

2SC5007 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5007 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5007 Datasheet HTML 1Page - Renesas Technology Corp 2SC5007 Datasheet HTML 2Page - Renesas Technology Corp 2SC5007 Datasheet HTML 3Page - Renesas Technology Corp 2SC5007 Datasheet HTML 4Page - Renesas Technology Corp 2SC5007 Datasheet HTML 5Page - Renesas Technology Corp 2SC5007 Datasheet HTML 6Page - Renesas Technology Corp 2SC5007 Datasheet HTML 7Page - Renesas Technology Corp 2SC5007 Datasheet HTML 8Page - Renesas Technology Corp 2SC5007 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5007
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
20
0
10
1.0
0.5
150
0
50
150
100
50
100
200
0.5
10
50
5
25
0
510
20
15
10
5
VCE = 3 V
IB = 160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
20
10
2
1
100
20
50
16
0.5
0
50
5
12
0
0.5
8
6
4
2
20
10
2
1
6
2
4
VCE = 3 V
f = 1 GHZ
50
20
10
5
12
8
10
12
VCE = 3 V
f = 1 GHZ
10
14
VCE = 3 V
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – ˚C
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
DC CURRENT GAIN vs.
COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
VBE – Base to Emitter Voltage – V
IC – Collector Current – mA
IC – Collector Current – mA
VCE – Collector to Emitter Voltage – V
IC – Collector Current – mA
Free Air



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com