Electronic Components Datasheet Search
  English  ▼

X  

2SC5007 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5007
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5007 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5007 Datasheet HTML 4Page - Renesas Technology Corp 2SC5007 Datasheet HTML 5Page - Renesas Technology Corp 2SC5007 Datasheet HTML 6Page - Renesas Technology Corp 2SC5007 Datasheet HTML 7Page - Renesas Technology Corp 2SC5007 Datasheet HTML 8Page - Renesas Technology Corp 2SC5007 Datasheet HTML 9Page - Renesas Technology Corp 2SC5007 Datasheet HTML 10Page - Renesas Technology Corp 2SC5007 Datasheet HTML 11Page - Renesas Technology Corp 2SC5007 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2SC5007
8
S-PARAMETER
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.958
–19.0
5.665
158.3
.036
73.2
.949
–14.2
200.00
.881
–37.7
5.548
139.7
.064
58.2
.861
–26.3
300.00
.814
–56.1
5.432
124.9
.086
46.9
.754
–35.1
400.00
.746
–73.3
5.049
112.0
.100
37.5
.665
–41.2
500.00
.691
–90.2
4.841
100.3
.110
31.1
.593
–46.3
600.00
.639
–103.5
4.339
89.4
.117
24.7
.528
–49.8
700.00
.594
–117.0
4.078
79.6
.124
20.3
.481
–52.5
800.00
.561
–129.0
3.769
70.0
.129
15.6
.437
–54.7
900.00
.538
–139.1
3.500
61.5
.133
12.2
.404
–56.2
1000.00
.521
–148.6
3.250
53.6
.139
8.7
.373
–58.6
1100.00
.507
–156.1
3.021
46.3
.142
6.0
.349
–59.5
1200.00
.502
–164.0
2.829
39.2
.147
2.6
.330
–61.8
1300.00
.496
–170.1
2.639
32.3
.152
–.3
.310
–63.0
1400.00
.495
–176.0
2.493
25.8
.158
–2.7
.296
–65.4
1500.00
.494
178.4
2.336
19.5
.162
–5.6
.279
–67.3
1600.00
.500
173.6
2.227
13.2
.168
–8.1
.267
–69.5
1700.00
.498
168.6
2.113
7.0
.174
–11.2
.253
–72.3
1800.00
.505
164.5
2.016
1.1
.180
–14.4
.242
–74.7
1900.00
.515
159.8
1.935
–5.0
.185
–17.8
.229
–78.1
2000.00
.520
155.5
1.841
–10.8
.188
–20.2
.218
–80.9
2100.00
.526
151.3
1.776
–16.7
.194
–23.2
.208
–84.4
2200.00
.531
148.1
1.698
–22.3
.200
–25.9
.198
–88.0
2300.00
.541
144.3
1.648
–27.9
.206
–28.9
.190
–92.0
2400.00
.544
141.0
1.578
–33.5
.213
–31.8
.181
–97.1
2500.00
.554
138.3
1.532
–38.7
.218
–34.9
.173
–101.2
2600.00
.561
134.9
1.483
–44.5
.226
–38.2
.168
–107.7
2700.00
.567
132.3
1.434
–49.5
.232
–41.1
.160
–113.5
2800.00
.578
129.3
1.392
–55.2
.240
–44.5
.159
–120.3
2900.00
.584
126.8
1.343
–60.1
.247
–47.7
.153
–127.4
3000.00
.595
124.3
1.314
–65.3
.255
–51.2
.155
–133.9
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.003
–12.8
1.999
162.5
.037
77.9
.986
–7.2
200.00
.976
–25.7
2.006
148.6
.071
65.8
.960
–14.1
300.00
.953
–38.3
2.059
135.7
.103
54.9
.917
–20.1
400.00
.915
–51.0
2.007
123.2
.127
44.2
.875
–25.3
500.00
.885
–63.1
2.009
112.8
.147
35.2
.829
–30.2
600.00
.847
–74.4
1.873
101.4
.163
25.8
.786
–34.2
700.00
.809
–85.4
1.843
91.3
.174
18.4
.747
–37.7
800.00
.778
–96.8
1.794
80.9
.182
10.5
.706
–41.1
900.00
.744
–107.2
1.752
71.8
.187
4.5
.672
–43.8
1000.00
.718
–117.9
1.727
62.3
.191
–2.0
.638
–46.5
1100.00
.689
–127.2
1.678
53.8
.193
–7.3
.613
–48.6
1200.00
.672
–136.5
1.632
45.4
.195
–12.5
.590
–51.1
1300.00
.656
–144.3
1.551
37.5
.193
–17.5
.571
–53.3
1400.00
.646
–151.8
1.501
30.1
.193
–21.6
.553
–55.9
1500.00
.634
–159.1
1.431
22.3
.190
–26.1
.536
–58.1
1600.00
.630
–165.5
1.389
15.6
.188
–29.0
.523
–60.8
1700.00
.623
–172.3
1.345
8.4
.186
–32.4
.506
–63.3
1800.00
.620
–177.5
1.291
1.8
.185
–35.4
.494
–65.8
1900.00
.624
176.3
1.253
–5.1
.184
–39.4
.481
–68.9
2000.00
.622
170.9
1.206
–11.4
.178
–42.1
.473
–71.5
2100.00
.628
165.8
1.174
–17.7
.176
–44.2
.464
–74.8
2200.00
.628
161.4
1.128
–23.8
.173
–46.2
.456
–78.0
2300.00
.636
156.6
1.104
–29.8
.172
–47.3
.445
–81.5
2400.00
.636
152.2
1.059
–35.9
.170
–48.7
.440
–85.3
2500.00
.644
148.6
1.033
–41.3
.172
–49.2
.430
–88.9
2600.00
.648
144.2
1.003
–47.3
.173
–50.4
.425
–93.3
2700.00
.652
140.9
.972
–52.7
.174
–51.0
.418
–97.6
2800.00
.660
137.2
.946
–58.4
.179
–51.9
.412
–102.2
2900.00
.663
134.0
.917
–63.5
.184
–53.0
.407
–107.1
3000.00
.673
130.8
.896
–68.7
.192
–54.1
.406
–112.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com