Electronic Components Datasheet Search
  English  ▼

X  

UPD780208 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD780208
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780208 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD780208 Datasheet HTML 17Page - Renesas Technology Corp UPD780208 Datasheet HTML 18Page - Renesas Technology Corp UPD780208 Datasheet HTML 19Page - Renesas Technology Corp UPD780208 Datasheet HTML 20Page - Renesas Technology Corp UPD780208 Datasheet HTML 21Page - Renesas Technology Corp UPD780208 Datasheet HTML 22Page - Renesas Technology Corp UPD780208 Datasheet HTML 23Page - Renesas Technology Corp UPD780208 Datasheet HTML 24Page - Renesas Technology Corp UPD780208 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
19
µPD78P083
Pin
RESET
VPP
VDD
CE
OE
PGM
D0 to D7
Operating Mode
Page data latch
L
+12.5 V
+6.5 V
H
L
H
Data input
Page write
H
H
L
High-impedance
Byte write
L
H
L
Data input
Program verify
L
L
H
Data output
Program inhibit
x
H
H
High-impedance
xL
L
Read
+5 V
+5 V
L
L
H
Data output
Output disable
L
H
x
High-impedance
Standby
H
x
x
High-impedance
x : L or H
4.
PROM PROGRAMMING
The
µPD78P083 has an internal 24-Kbyte PROM as a program memory. For programming, set the PROM programming
mode with the VPP and RESET pins. For the connection of unused pins, refer to “PIN CONFIGURATIONS (TOP VIEW)
(2) PROM programming mode.”
Caution
Programs must be written in addresses 0000H to 5FFFH (The last address 5FFFH must be specified).
They cannot be written by a PROM programmer which cannot specify the write address.
4.1
Operating Modes
When +5 V or +12.5 V is applied to the VPP pin and a low-level signal is applied to the RESET pin, the PROM programming
mode is set. This mode will become the operating mode as shown in Table 4-1 when the CE, OE, and PGM pins are set
as shown.
Further, when the read mode is set, it is possible to read the contents of the PROM.
Table 4-1. Operating Modes of PROM Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com