Electronic Components Datasheet Search
  English  ▼

X  

UPD780208 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD780208
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780208 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD780208 Datasheet HTML 25Page - Renesas Technology Corp UPD780208 Datasheet HTML 26Page - Renesas Technology Corp UPD780208 Datasheet HTML 27Page - Renesas Technology Corp UPD780208 Datasheet HTML 28Page - Renesas Technology Corp UPD780208 Datasheet HTML 29Page - Renesas Technology Corp UPD780208 Datasheet HTML 30Page - Renesas Technology Corp UPD780208 Datasheet HTML 31Page - Renesas Technology Corp UPD780208 Datasheet HTML 32Page - Renesas Technology Corp UPD780208 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
27
µPD78P083
Parameter
Symbol
Test Conditions
Ratings
Unit
Supply voltage
VDD
–0.3 to +7.0
V
VPP
–0.3 to +13.5
V
AVDD
–0.3 to VDD + 0.3
V
AVREF
–0.3 to VDD + 0.3
V
AVSS
–0.3 to +0.3
V
Input voltage
VI1
–0.3 to VDD + 0.3
V
VI2
A9
PROM programming mode
–0.3 to +13.5
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Analog input voltage
VAN
P10-P17
Analog input pins
AVSS – 0.3 to AVREF + 0.3
V
Output current, high
IOH
Per pin
–10
mA
Total for P10-P17, P50-P54, P70-P72,
–15
mA
P100, P101
Total for P01-P03, P30-P37, P55-P57
–15
mA
Output current, low
IOL Note
Per pin
Peak value 30
mA
r.m.s. value
15
mA
Total for P50-P54
Peak value 100
mA
r.m.s. value
70
mA
Total for P55-P57
Peak value 100
mA
r.m.s. value
70
mA
Total for P10-P17, P70-P72, P100,
Peak value 50
mA
P101
r.m.s. value
20
mA
Total for P01-P03, P30-P37
Peak value 50
mA
r.m.s. value
20
mA
Operating ambient temperature
TA
–40 to +85
°C
Storage temperature
Tstg
–65 to +150
°C
8.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°C)
*
Note The r.m.s. value should be calculated as follows: [r.m.s. value] = [Peak value] x
Duty
Caution
If the absolute maximum rating of even one of the above parameters is exceeded, the quality of the
product may be degraded. The absolute maximum ratings are therefore the rated values that may, if
exceeded, physically damage the product. Be sure to use the product with all the absolute maximum
ratings observed.
Remark
Unless otherwise specified, dual-function pin characteristics are the same as port pin characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com