Electronic Components Datasheet Search
  English  ▼

X  

PJC7404 Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJC7404
Description  20V N-Channel Enhancement Mode MOSFET ??ESD Protected
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJC7404 Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJC7404 Datasheet HTML 1Page - Pan Jit International Inc. PJC7404 Datasheet HTML 2Page - Pan Jit International Inc. PJC7404 Datasheet HTML 3Page - Pan Jit International Inc. PJC7404 Datasheet HTML 4Page - Pan Jit International Inc. PJC7404 Datasheet HTML 5Page - Pan Jit International Inc. PJC7404 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJC7404
July 11,2013-REV.00
Page 5
PART NO PACKING CODE VERSION
MOUNTING PAD LAYOUT
PART NO PACKING
CODE VERSION
Package Type
Packing type
Marking
Version
PJC7404_R1_00001
SOT-323
3K pcs / 7” reel
C04
Halogen free
PJC7404_R2_00001
SOT-323
12K pcs / 13” reel
C04
Halogen free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com