Electronic Components Datasheet Search
  English  ▼

X  

3G5A2-RPT01-PE Datasheet(PDF) 95 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 95 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 91Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 92Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 93Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 94Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 95Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 96Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 97Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 98Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 99Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 182 page
background image
82
Power Check Flowchart
Power supplied?
YES
POWER indicator not lit
NO
Voltage in rated
range?
YES
NO
All
terminals tightened
and lead wires
intact?
YES
NO
POWER indica-
tor lit?
NO
POWER indica-
tor lit?
NO
POWER indica-
tor lit?
NO
YES
YES
END
Supply power
Adjust voltage
Tighten screws or replace
lead wires
Replace Power Supply Unit
YES
Unit
Supply voltage
Operating voltage range
CV500-PS221
CVM1 PA208
100 to 120 VAC
85 to 132 VAC
CVM1-PA208
200 to 240 VAC
170 to 264 VAC
CV500-PS211
24 VDC
20.4 to 28.8 VDC
Note
1. The fuse inside the DC Power Supply Unit will burn out if power is turned on
with the 5-V output terminals shorted.
2. If the POWER indicator does not light when power is properly supplied, re-
place the Power Supply Unit.
Troubleshooting Flowcharts
Section 5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com