Electronic Components Datasheet Search
  English  ▼

X  

3G5A2-RPT01-PE Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # 3G5A2-RPT01-PE
Description  Programmable Controllers
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G5A2-RPT01-PE Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button 3G5A2-RPT01-PE Datasheet HTML 32Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 33Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 34Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 35Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 36Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 37Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 38Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 39Page - Omron Electronics LLC 3G5A2-RPT01-PE Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 182 page
background image
23
2-2
Racks
This section describes the Racks used to construct a PC System. The individual
components used to construct the Racks are described in the next section.
2-2-1 CPU Racks
The following figure shows the parts of the CPU Rack. There are five Back-
planes available for the CPU Rack. Any CPU can be mounted to any Backplane.
The only differences in the Backplanes is the number of slots that they provide
for Units, their expansion capability, and the number of slots for CPU Bus Units.
The CV500-BC031, CV500-BC051, and CV500-BC101 provide complete ex-
pansion capability and provide 3, 5, and 10 slots, respectively, for Units other
than the CPU, Power Supply Unit, and I/O Control Unit.
The CVM1-BC053 and CVM1-BC103 do not support I/O Control Units and pro-
vide 5 and 10 slots, respectively, for Units other than the CPU and Power Supply
Unit. Because I/O Control Units are not supported, these Backplanes can be
connected only to a single Expansion I/O Rack as illustrated on page 18.The
CPU Backplane cannot be used for an Expansion CPU or Expansion I/O Rack.
CPU Backplane
No. of slots
CPU Bus Unit slots
I/O Control Unit
CV500-BC031
3
3
Yes
CV500-BC051
5
5
Yes
CV500-BC101
10
10
Yes
CVM1-BC053
5
Rightmost 3
No
CVM1-BC103
10
Rightmost 6
No
I/O Control Unit
An I/O Control Unit must be mounted to the Rack in order to
connect an Expansion CPU or more than one Expansion I/O
Rack. The model of I/O Control Unit used determines the
other Racks can be connected.
Units
(Up to 3/5/10 or the following Units: SYSMAC NET Link
Units, SYSMAC LINK Units, SYSMAC BUS/2 Masters,
BASIC Units, Personal Computer Unit, C500 I/O Units,
C500 Special I/O Units, SYSMAC BUS Masters)
CPU Backplane
CV500-BC031/051/101 (3/5/10 slots)
CVM1-BC053/103 (5/10 slots)
CPU
CV500-CPU01-EV1,
CV1000-CPU01-EV1,
CV2000-CPU01-EV1,
CVM1-CPU01-EV2,
CVM1-CPU11-EV2, or
CVM1-CPU21-EV2
Power Supply Unit
CV500-PS221/PS211
CVM1-PA208
I/O Control Units are
not supported by
CVM1 Backplanes.
Racks
Section 2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More