Electronic Components Datasheet Search
  English  ▼

X  

ICS8305 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS8305
Description  LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS8305 Datasheet HTML 1Page - Integrated Device Technology ICS8305 Datasheet HTML 2Page - Integrated Device Technology ICS8305 Datasheet HTML 3Page - Integrated Device Technology ICS8305 Datasheet HTML 4Page - Integrated Device Technology ICS8305 Datasheet HTML 5Page - Integrated Device Technology ICS8305 Datasheet HTML 6Page - Integrated Device Technology ICS8305 Datasheet HTML 7Page - Integrated Device Technology ICS8305 Datasheet HTML 8Page - Integrated Device Technology ICS8305 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ICS8305
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
5
ICS8305AG REV. C OCTOBER 23, 2008
Table 4B. LVCMOS/LVTTL DC Characteristics, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2. See Parameter Measurement Information, Output Load Test Circuit diagrams.
Table 4C. Differential DC Characteristics, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High
Voltage
CLK_EN, CLK_SEL, OE
2
VDD + 0.3
V
LVCMOS_CLK
2
VDD + 0.3
V
VIL
Input Low
Voltage
CLK_EN, CLK_SEL, OE
-0.3
0.8
V
LVCMOS_CLK
-0.3
1.3
V
IIH
Input
High Current
CLK_EN, CLK_SEL, OE
VDD = VIN = 3.465V
5
µA
LVCMOS_CLK
VDD = VIN = 3.465V
150
µA
IIL
Input
Low Current
CLK_EN, CLK_SEL, OE
VDD = 3.465V, VIN = 0V
-150
µA
LVCMOS_CLK
VDD = 3.465V, VIN = 0V
-5
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.3V ± 5%
2.6
V
VDDO = 2.5V ± 5%
1.8
V
VDDO = 1.8V ± 0.15V
1.5
V
VDDO = 1.5V ± 5%
VDDO - 0.3
V
VOL
Output Low Voltage; NOTE 1
VDDO = 3.3V ± 5%
0.5
V
VDDO = 2.5V ± 5%
0.5
V
VDDO = 1.8V ± 0.15V
0.4
V
VDDO = 1.5V ± 5%
0.35
V
IOZL
Output Hi-Z Current Low
-5
µA
IOZH
Output Hi-Z Current High
5µA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
nCLK
VDD = VIN = 3.465V
150
µA
CLK
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
nCLK
VDD = 3.465V, VIN = 0V
-150
µA
CLK
VDD = 3.465V, VIN = 0V
-5
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com