Electronic Components Datasheet Search
  English  ▼

X  

ICS8305 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8305
Description  LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL LVCMOS-TO-LVCMOS/LVTTL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8305 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8305 Datasheet HTML 3Page - Integrated Device Technology ICS8305 Datasheet HTML 4Page - Integrated Device Technology ICS8305 Datasheet HTML 5Page - Integrated Device Technology ICS8305 Datasheet HTML 6Page - Integrated Device Technology ICS8305 Datasheet HTML 7Page - Integrated Device Technology ICS8305 Datasheet HTML 8Page - Integrated Device Technology ICS8305 Datasheet HTML 9Page - Integrated Device Technology ICS8305 Datasheet HTML 10Page - Integrated Device Technology ICS8305 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ICS8305
LOW SKEW, 1-TO-4 MULTIPLEXED DIFFERENTIAL/LVCMOS-TO-LVCMOS/LVTTL FANOUT BUFFER
IDT™ / ICS™ LVCMOS/LVTTL FANOUT BUFFER
7
ICS8305AG REV. C OCTOBER 23, 2008
Table 5C. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.8V ± 0.15V, TA = 0°C to 70°C
All parameters measured at ƒ
≤ 350MHz unless noted otherwise.
NOTE 1A: Measured from the VDD/2 of the input to VDDO/2 of the output.
NOTE 1B: Measured from the differential input crossing point to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: Defined as skew between outputs on different devices operating a the same supply voltages and with equal load conditions.
Using the same type of input on each device, the output is measured at VDDO/2.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
NOTE 5: Driving only one input clock.
NOTE 6: This parameter is defined in accordance with JEDEC Standard 65.
Table 5D. AC Characteristics, VDD = 3.3V ± 5%, VDDO = 1.5V ± 5%, TA = 0°C to 70°C
For NOTES, see Table 5C above.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tpLH
Propagation
Delay,
Low to High
LVCMOS_CLK;
NOTE 1A
CLK/nCLK;
NOTE 1B
1.95
3.65
ns
tsk(o)
Output Skew; NOTE 2, 6
Measured on the Rising Edge
35
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 6
900
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section, NOTE 5
0.04
ps
tR / tF
Output Rise/Fall Time; NOTE 4
20% to 80%
100
700
ps
odc
Output Duty Cycle
Ref = CLK/nCLK
44
56
%
Ref = LVCMOS_CLK, ƒ
≤ 300MHz
44
56
%
tEN
Output Enable Time; NOTE 4
5ns
tDIS
Output Disable Time; NOTE 4
5ns
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tpLH
Propagation
Delay,
Low to High
LVCMOS_CLK;
NOTE 1A
CLK/nCLK;
NOTE 1B
24
ns
tsk(o)
Output Skew; NOTE 2, 6
Measured on the Rising Edge
35
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 6
1ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section, NOTE 5
0.04
ps
tR / tF
Output Rise/Fall Time; NOTE 4
20% to 80%
200
900
ps
odc
Output Duty Cycle
ƒ
≤ 166MHz
45
55
%
ƒ> 166MHz
42
58
%
tEN
Output Enable Time; NOTE 4
5ns
tDIS
Output Disable Time; NOTE 4
5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com