Electronic Components Datasheet Search
  English  ▼

X  

TIP2955 Datasheet(PDF) 4 Page - ON Semiconductor

Part # TIP2955
Description  Complementary Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP2955 Datasheet(HTML) 4 Page - ON Semiconductor

  TIP2955 Datasheet HTML 1Page - ON Semiconductor TIP2955 Datasheet HTML 2Page - ON Semiconductor TIP2955 Datasheet HTML 3Page - ON Semiconductor TIP2955 Datasheet HTML 4Page - ON Semiconductor TIP2955 Datasheet HTML 5Page - ON Semiconductor TIP2955 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP3055 (NPN), TIP2955 (PNP)
http://onsemi.com
4
TIP3055
TIP2955
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.1
100
1000
10
1.0
2.0
0.3
7.0
10
VCE = 4.0 V
TJ = 25°C
0.2
0.5 0.7
3.0
5.0
10
5.0
0.1
0.3
2.0
3.0
Figure 2. Maximum Rated Forward Bias
Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0
2.0
4.0
6.0
10
20
0.2
0.5
1.0
20
30
50
100
40
60
SECONDARY BREAKDOWN LIMIT
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
TJ = 150°C
300
ms
1.0ms
10ms
dc
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 2 is based on TC = 25°C; TJ(pk) is
variable depending on power level. Second breakdown
pulse limits are valid for duty cycles to 10% but must be
derated for temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com