Electronic Components Datasheet Search
  English  ▼

X  

LM2674 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2674
Description  Efficiency up to 96%, Available in SOIC-8, 8-Pin PDIP and WSON
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2674 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2674 Datasheet HTML 14Page - Texas Instruments LM2674 Datasheet HTML 15Page - Texas Instruments LM2674 Datasheet HTML 16Page - Texas Instruments LM2674 Datasheet HTML 17Page - Texas Instruments LM2674 Datasheet HTML 18Page - Texas Instruments LM2674 Datasheet HTML 19Page - Texas Instruments LM2674 Datasheet HTML 20Page - Texas Instruments LM2674 Datasheet HTML 21Page - Texas Instruments LM2674 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LM2674
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
LM2674 Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
To simplify the buck regulator design procedure, Texas instruments
is making available computer design software to be used with the
SIMPLE SWITCHERline of switching regulators.LM267X Made
Simple (version 6.0) is available for use on Windows 3.1, NT, or 95
operating systems.
Given:
Given:
VOUT = Regulated Output Voltage
VOUT = 20V
VIN(max) = Maximum Input Voltage
VIN(max) = 28V
ILOAD(max) = Maximum Load Current
ILOAD(max) = 500 mA
F = Switching Frequency (Fixed at a nominal 260 kHz).
F = Switching Frequency (Fixed at a nominal 260 kHz).
1. Programming Output Voltage (Selecting R1 and R2, as shown in 1. Programming Output Voltage (Selecting R1 and R2, as shown in
Figure 23)
Figure 23)
Use the following formula to select the appropriate resistor values.
Select R1 to be 1 kΩ, 1%. Solve for R2.
where
where
•
R2 = 1k (16.53 − 1) = 15.53 kΩ, closest 1%
•
VREF = 1.21V
(1)
value is 15.4 k
Ω.
R2 = 15.4 kΩ.
(2)
Select a value for R1 between 240Ω and 1.5 kΩ. The lower resistor
values minimize noise pickup in the sensitive feedback pin. (For the
lowest temperature coefficient and the best stability with time, use
1% metal film resistors.)
(3)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant E • T (V •
μs),
A. Calculate the inductor Volt • microsecond constant (E • T),
from the following formula:
(5)
where
•
VSAT=internal switch saturation voltage=0.25V
and VD = diode forward voltage drop =
0.5V
(4)
B. Use the E • T value from the previous formula and match it with
B. E • T = 21.6 (V •
μs)
the E • T number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 27.
C. On the horizontal axis, select the maximum load current.
C. ILOAD(max) = 500 mA
D. Identify the inductance region intersected by the E • T value and
D. From the inductor value selection guide shown in Figure 27, the
the Maximum Load Current value. Each region is identified by an
inductance region intersected by the 21.6 (V •
μs) horizontal line and
inductance value and an inductor code (LXX).
the 500mA vertical line is 100
μH, and the inductor code is L20.
E. Select an appropriate inductor from the four manufacturer's part
E. From Table 1, locate line L20, and select an inductor part number
numbers listed in Table 1. For information on the different types of
from the list of manufacturers part numbers.
inductors, see the inductor selection in the fixed output voltage
design procedure.
3. Output Capacitor Selection (COUT)
3. Output Capacitor SeIection (COUT)
A. Select an output capacitor from the capacitor code selection guide A. Use the appropriate row of the capacitor code selection guide, in
in Table 9. Using the inductance value found in the inductor
Table 9. For this example, use the 15–20V row. The capacitor code
selection guide, step 1, locate the appropriate capacitor code
corresponding to an inductance of 100
μH is C20.
corresponding to the desired output voltage.
18
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com