Electronic Components Datasheet Search
  English  ▼

X  

LM5116 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5116
Description  Emulated Peak Current Mode, Wide Operating Range Up to 100V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5116 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5116 Datasheet HTML 5Page - Texas Instruments LM5116 Datasheet HTML 6Page - Texas Instruments LM5116 Datasheet HTML 7Page - Texas Instruments LM5116 Datasheet HTML 8Page - Texas Instruments LM5116 Datasheet HTML 9Page - Texas Instruments LM5116 Datasheet HTML 10Page - Texas Instruments LM5116 Datasheet HTML 11Page - Texas Instruments LM5116 Datasheet HTML 12Page - Texas Instruments LM5116 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
LM5116
www.ti.com
SNVS499G – FEBRUARY 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
LO High RDS(ON) vs VCC
EN Input Threshold vs Temperature
Figure 8.
Figure 9.
LO Low RDS(ON) vs VCC
HB to SW UVLO vs Temperature
Figure 10.
Figure 11.
Forced HO Off-time vs
Temperature VCCX = 5V
HB DC Bias Current vs Temperature
Figure 12.
Figure 13.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com