Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574-Q1 is an Automotive Grade Product that is AEC-Q100 Grade 1 Qualified (??0째C to 125째C Operating Junction Temperature)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 2 Page - Texas Instruments

  LM5574 Datasheet HTML 1Page - Texas Instruments LM5574 Datasheet HTML 2Page - Texas Instruments LM5574 Datasheet HTML 3Page - Texas Instruments LM5574 Datasheet HTML 4Page - Texas Instruments LM5574 Datasheet HTML 5Page - Texas Instruments LM5574 Datasheet HTML 6Page - Texas Instruments LM5574 Datasheet HTML 7Page - Texas Instruments LM5574 Datasheet HTML 8Page - Texas Instruments LM5574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1
2
3
4
5
6
7
8
VIN
PRE
FB
VCC
IS
AGND
OUT
RAMP
9
10
11
12
COMP
SD
BST
RT
13
14
15
16
SS
PGND
SYNC
SW
LM5574, LM5574-Q1
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
16-Lead TSSOP
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
VCC
Output of the bias regulator
Vcc tracks Vin up to 9V. Beyond 9V, Vcc is regulated to 7 Volts.
A 0.1uF to 1uF ceramic decoupling capacitor is required. An
external voltage (7.5V – 14V) can be applied to this pin to
reduce internal power dissipation.
2
SD
Shutdown or UVLO input
If the SD pin voltage is below 0.7V the regulator will be in a low
power state. If the SD pin voltage is between 0.7V and 1.225V
the regulator will be in standby mode. If the SD pin voltage is
above 1.225V the regulator will be operational. An external
voltage divider can be used to set a line undervoltage shutdown
threshold. If the SD pin is left open circuit, a 5µA pull-up current
source configures the regulator fully operational.
3
Vin
Input supply voltage
Nominal operating range: 6V to 75V
4
SYNC
Oscillator synchronization input or output
The internal oscillator can be synchronized to an external clock
with an external pull-down device. Multiple LM5574 devices can
be synchronized together by connection of their SYNC pins.
5
COMP
Output of the internal error amplifier
The loop compensation network should be connected between
this pin and the FB pin.
6
FB
Feedback signal from the regulated output
This pin is connected to the inverting input of the internal error
amplifier. The regulation threshold is 1.225V.
7
RT
Internal oscillator frequency set input
The internal oscillator is set with a single resistor, connected
between this pin and the AGND pin.
8
RAMP
Ramp control signal
An external capacitor connected between this pin and the AGND
pin sets the ramp slope used for current mode control.
Recommended capacitor range 50pF to 2000pF.
9
AGND
Analog ground
Internal reference for the regulator control functions
10
SS
Soft-start
An external capacitor and an internal 10µA current source set
the time constant for the rise of the error amp reference. The SS
pin is held low during standby, Vcc UVLO and thermal
shutdown.
11
OUT
Output voltage connection
Connect directly to the regulated output voltage.
12
PGND
Power ground
Low side reference for the PRE switch and the IS sense resistor.
13
IS
Current sense
Current measurement connection for the re-circulating diode. An
internal sense resistor and a sample/hold circuit sense the diode
current near the conclusion of the off-time. This current
measurement provides the DC level of the emulated current
ramp.
14
SW
Switching node
The source terminal of the internal buck switch. The SW pin
should be connected to the external Schottky diode and to the
buck inductor.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com