Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574-Q1 is an Automotive Grade Product that is AEC-Q100 Grade 1 Qualified (??0째C to 125째C Operating Junction Temperature)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5574 Datasheet HTML 15Page - Texas Instruments LM5574 Datasheet HTML 16Page - Texas Instruments LM5574 Datasheet HTML 17Page - Texas Instruments LM5574 Datasheet HTML 18Page - Texas Instruments LM5574 Datasheet HTML 19Page - Texas Instruments LM5574 Datasheet HTML 20Page - Texas Instruments LM5574 Datasheet HTML 21Page - Texas Instruments LM5574 Datasheet HTML 22Page - Texas Instruments LM5574 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM5574, LM5574-Q1
www.ti.com
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
PCB LAYOUT AND THERMAL CONSIDERATIONS
The circuit in Figure 9 serves as both a block diagram of the LM5574 and a typical application board schematic
for the LM5574. In a buck regulator there are two loops where currents are switched very fast. The first loop
starts from the input capacitors, to the regulator VIN pin, to the regulator SW pin, to the inductor then out to the
load. The second loop starts from the output capacitor ground, to the regulator PGND pins, to the regulator IS
pins, to the diode anode, to the inductor and then out to the load. Minimizing the loop area of these two loops
reduces the stray inductance and minimizes noise and possible erratic operation. A ground plane in the PC
board is recommended as a means to connect the input filter capacitors to the output filter capacitors and the
PGND pins of the regulator. Connect all of the low power ground connections (CSS, RT, CRAMP) directly to the
regulator AGND pin. Connect the AGND and PGND pins together through the topside copper trace. Place
several vias in this trace to the ground plane.
The two highest power dissipating components are the re-circulating diode and the LM5574 regulator IC. The
easiest method to determine the power dissipated within the LM5574 is to measure the total conversion losses
(Pin – Pout) then subtract the power losses in the Schottky diode, output inductor and snubber resistor. An
approximation for the Schottky diode loss is P = (1-D) x Iout x Vfwd. An approximation for the output inductor
power is P = IOUT
2 x R x 1.1, where R is the DC resistance of the inductor and the 1.1 factor is an approximation
for the AC losses. If a snubber is used, an approximation for the damping resistor power dissipation is P = Vin2 x
Fsw x Csnub, where Fsw is the switching frequency and Csnub is the snubber capacitor.
The most significant variables that affect the power dissipated by the LM5574 are the output current, input
voltage and operating frequency. The power dissipated while operating near the maximum output current and
maximum input volatge can be appreciable. The operating frequency of the LM5574 evaluation board has been
designed for 300kHz. When operating at 0.5A output current with a 70V input the power dissipation of the
LM5574 regulator is approximately 0.6W.
The junction-to-ambient thermal resistance of the LM5574 will vary with the application. The most significant
variables are the area of copper in the PC board, and the amount of forced air cooling provided. The junction-to-
ambient thermal resistance of the LM5574 mounted in the evaluation board varies from 90°C/W with no airflow to
60°C/W with 900 LFM (Linear Feet per Minute). With a 25°C ambient temperature and no airflow, the predicted
junction temperature for the LM5574 will be 25 + ((90 x 0.6) = 79°C. If the evaluation board is operated at 0.5A
output current, 70V input voltage and high ambient temperature for a prolonged period of time the thermal
shutdown protection within the IC may activate. The IC will turn off allowing the junction to cool, followed by
restart with the soft-start capacitor reset to zero.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com