Electronic Components Datasheet Search
  English  ▼

X  

TLMP1100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMP1100
Description  Standard 0603 SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP1100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMP1100 Datasheet HTML 1Page - Vishay Siliconix TLMP1100 Datasheet HTML 2Page - Vishay Siliconix TLMP1100 Datasheet HTML 3Page - Vishay Siliconix TLMP1100 Datasheet HTML 4Page - Vishay Siliconix TLMP1100 Datasheet HTML 5Page - Vishay Siliconix TLMP1100 Datasheet HTML 6Page - Vishay Siliconix TLMP1100 Datasheet HTML 7Page - Vishay Siliconix TLMP1100 Datasheet HTML 8Page - Vishay Siliconix TLMP1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100, TLMP1100, TLMB1100
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 04-Jun-13
1
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Standard 0603 SMD LED
DESCRIPTION
The new 0603 LED series have been designed in the
smallest
SMD
package.
This
innovative
0603
LED
technology opens the way to
• smaller products of higher performance
• more design in flexibility
• enhanced applications
The 0603 LED is an obvious solution for small-scale, high
power products that are expected to work reliability in an
arduous environment.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD 0603
• Product series: standard
• Angle of half intensity: ± 80°
FEATURES
• Smallest SMD package 0603 with exceptional
brightness
1.6 mm x 0.8 mm x 0.6 mm (L x W x H)
• High reliability lead frame based
• Temperature range - 40 °C to + 100 °C
• Footprint compatible to 0603 chipled
• Wavelength 466 nm (blue), 570 nm (green),
561 nm (pure green), 589 nm (yellow), 606 nm
(orange), 633 nm (red)
• AllnGaP and GaN technology
• Viewing angle: Extremely wide 160°
• Grouping parameter: Luminous intensity, wavelength
• Available in 8 mm tape
• Compatible to IR reflow soldering
• Preconditioning according to JEDEC level 2
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Backlight keypads
• Navigation systems
• Cellular phone displays
• Displays for industrial control systems
• Automotive features
• Miniaturized color effects
• Traffic displays
18562
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TLMS1100-GS08
Red
32
63
-
20
627
633
639
20
-
2.1
3.0
20
AlInGaP
TLMO1100-GS08
Orange
50
80
-
20
600
606
609
20
-
2.1
3.0
20
AlInGaP
TLMY1100-GS08
Yellow
50
80
-
20
580
589
595
20
-
2.1
3.0
20
AlInGaP
TLMG1100-GS08
Green
12.5
35
-
20
564
570
575
20
-
2.1
3.0
20
AlInGaP
TLMP1100-GS08
Pure green
6.3
15
-
20
551
561
566
20
-
2.1
3.0
20
AlInGaP
TLMB1100-GS08
Blue
4
5
-
10
-
466
-
10
-
3.9
4.5
10
GaN


Similar Part No. - TLMP1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP1100 VISHAY-TLMP1100 Datasheet
301Kb / 15P
Ultrabright 0603 LED
30-Aug-04
TLMP1100 VISHAY-TLMP1100 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMP1100 VISHAY-TLMP1100 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMP1100 TO-GRACE-TLMP1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
TLMP1100 TO-GRACE-TLMP1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
More results

Similar Description - TLMP1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS1102 VISHAY-TLMS1102 Datasheet
133Kb / 8P
Standard 0603 SMD LED
24-Sep-07
VLMO11Q1R2 VISHAY-VLMO11Q1R2 Datasheet
187Kb / 9P
Standard 0603 SMD LED
06-Nov-07
logo
P-tec Corporation
PL00230-WCG17 P-TEC-PL00230-WCG17 Datasheet
30Kb / 1P
SMD LED 0603 Package
PL00230-WCR10 P-TEC-PL00230-WCR10 Datasheet
30Kb / 1P
SMD LED 0603 Package
logo
Vishay Siliconix
TLMS1100 VISHAY-TLMS1100_12 Datasheet
189Kb / 15P
Standard 0603 SMD LED
20-Jul-12
TLMS1100-GS08 VISHAY-TLMS1100-GS08 Datasheet
196Kb / 15P
Standard 0603 SMD LED
04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
TLMS1100 TO-GRACE-TLMS1100 Datasheet
908Kb / 15P
Standard 0603 SMD LED
logo
Vishay Siliconix
TLMP1100 VISHAY-TLMP1100_V01 Datasheet
185Kb / 13P
Standard 0603 SMD LED
17-Feb-2021
TLMP1100 VISHAY-TLMP1100_V02 Datasheet
264Kb / 14P
Standard 0603 SMD LED
06-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com