Electronic Components Datasheet Search
  English  ▼

X  

TLMP1100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMP1100
Description  Standard 0603 SMD LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP1100 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMP1100 Datasheet HTML 1Page - Vishay Siliconix TLMP1100 Datasheet HTML 2Page - Vishay Siliconix TLMP1100 Datasheet HTML 3Page - Vishay Siliconix TLMP1100 Datasheet HTML 4Page - Vishay Siliconix TLMP1100 Datasheet HTML 5Page - Vishay Siliconix TLMP1100 Datasheet HTML 6Page - Vishay Siliconix TLMP1100 Datasheet HTML 7Page - Vishay Siliconix TLMP1100 Datasheet HTML 8Page - Vishay Siliconix TLMP1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100, TLMP1100, TLMB1100
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 04-Jun-13
4
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Luminous intensity is tested at a current pulse duration of 25 ms.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on each
reel (there will be no mixing of two groups on each reel).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one reel.
In order to ensure availability, single wavelength groups will not be orderable.
Note
• Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm.
Note
• One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage.
Only one single classification groups is not available.
The given groups are not order codes, customer specific group combinations require marketing agreement.
No color subgrouping for super red.
LUMINOUS INTENSITY/FLUX CLASSIFICATION
GROUP
LUMINOUS INTENSITY IV (mcd)
MIN.
MAX.
Pa
4
6.3
Pb
5
8
Qa
6.3
10
Qb
8
12.5
Ra
10
16
Rb
12.5
20
Sa
16
25
Sb
20
32
Ta
25
40
Tb
32
50
Ua
40
63
Ub
50
80
Va
63
100
Vb
80
125
Wa
100
160
Wb
125
200
COLOR CLASSIFICATION
GROUP
DOM. WAVELENGTH (nm)
BLUE
PURE GREEN
GREEN
YELLOW
ORANGE
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
- 1
-
-
551
554
564
566
-
-
-
-
- 2
460
464
554
557
566
569
580
583
600
603
- 3
464
468
557
560
569
572
583
586
603
606
- 4
468
472
560
563
572
575
586
589
606
609
- 5
472
476
563
566
-
-
589
592
609
612
- 6
-
-
-
-
-
-
592
595
-
-
GROUP NAME ON LABEL
LUMINOUS INTENSITY GROUP
HALFGROUP
WAVELENGTH
Qb
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com