Electronic Components Datasheet Search
  English  ▼

X  

GL3310 Datasheet(PDF) 4 Page - GENESYS LOGIC

Part # GL3310
Description  USB 3.0 to SATA 3Gb/s Bridge Controller Product Overview
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3310 Datasheet(HTML) 4 Page - GENESYS LOGIC

  GL3310 Datasheet HTML 1Page - GENESYS LOGIC GL3310 Datasheet HTML 2Page - GENESYS LOGIC GL3310 Datasheet HTML 3Page - GENESYS LOGIC GL3310 Datasheet HTML 4Page - GENESYS LOGIC GL3310 Datasheet HTML 5Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GL3310 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 4
FEATURES
● USB specification compliance
−
Comply with Universal Serial Bus 3.0 Specification rev. 1.0 (USB 3.0)
−
Comply with Universal Serial Bus Specification rev. 2.0 (USB 2.0)
−
Comply with USB Mass Storage Class Specification rev. 1.0
−
Support USB Mass Storage Class Bulk-Only Transport (BOT)
−
Support 1 device address and up to 6 endpoints: Control (0) / Bulk Data Write Out (1) / Bulk Data
Read In (2) / Interrupt In (3) / CMD Out (4) / Status In (5)
−
Support 5 Gbps SuperSpeed, 480 Mbps high-speed, and 12 Mbps full-speed transfer rates
● SATA specification features
−
Comply with Serial ATA Revision 3.0 Specification Gold Revision
−
Support SATA power saving, including partial and slumber modes
−
Support SATA Hot Plug
−
Support Native Command Queuing up to 32 commands
−
Support SATA host/device initiated power management
−
Support SATA BIST host/device initiated eye pattern test
−
Support 3.0 Gbps and 1.5 Gbps transfer rates
● Embedded 8051 micro-controller
−
Embedded 16 Kbytes mask ROM and internal 48 Kbytes SRAM
● Embedded 5V-to-3.3V and 3.3V-to-1.2V regulators
−
No external regulators required
−
5 V / 3.3 V power sources
● Single 25 MHz clock source
● Available in 48-pin QFN (7 x 7 mm2) and 64-pin LQFP (7 x 7 mm2) packages
● Other Features
−
Spread Spectrum Clocking (SSC) for EMI reduction
−
On-chip watchdog timer for automatic error recovery
−
Primary SPI interface for firmware update
−
Secondary SPI interface for display controller
−
PWM interfaces for fan control and LED control (2 GPIOs)
−
UART interface for debugging



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com