Electronic Components Datasheet Search
  English  ▼

X  

GL3310 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL3310
Description  USB 3.0 to SATA 3Gb/s Bridge Controller Product Overview
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3310 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL3310 Datasheet HTML 1Page - GENESYS LOGIC GL3310 Datasheet HTML 2Page - GENESYS LOGIC GL3310 Datasheet HTML 3Page - GENESYS LOGIC GL3310 Datasheet HTML 4Page - GENESYS LOGIC GL3310 Datasheet HTML 5Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GL3310 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 3
GENERAL DESCRIPTION
The GL3310 is a highly integrated USB 3.0 to SATA 3Gb/s bridge controller, which includes self-developed
USB 3.0 SuperSpeed transmitter/receiver physical layer (PHY), USB 2.0 HighSpeed PHY, and Serial ATA
(SATA) PHY. It also backwards supports USB 2.0 and SATA 1.5Gb/s. This single chip solution complies with
Universal Serial Bus Specification revision 2.0, Universal Serial Bus 3.0 Specification revision 1.0, and Serial
ATA Revision 3.0 Specification Gold Revision.
Genesys Logic, Inc. has been developing, manufacturing, and distributing USB applications and products for
more than ten years. With the experienced skills, the self-developed USB 3.0 SuperSpeed transceiver exhibits
surprising achievement as shown in Figure 1.1. The signal quality not only fits in the specification limitation,
but also provides wide tolerance for unexpected conditions. As a result, GL3310 can perform fast transmission
rate and high compatibility with various USB hosts and commercial SATA devices.
Genesys SuperSpeed TX Eye Diagram and RX Jitter Tolerance
GL3310 is especially designed for cost-efficient solution. The 8051 microcontroller, embedded power
regulators, and single 25 MHz clock source all are the features help customers easily design their own
products with few efforts. This highly integrated solution helps to reduce system cost as well.
Moreover, GL3310 inherits customer feedbacks from its predecessor products and provides two SPI interfaces,
PWM controls, watchdog timers, UART monitoring interface, and various general purpose I/Os (GPIO).
These flexible add-on features help the customer to design specific products for applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com