Electronic Components Datasheet Search
  English  ▼

X  

GM317LS8RG Datasheet(PDF) 4 Page - Gamma Microelectronics Inc.

Part # GM317LS8RG
Description  3-TERMINAL 100mA ADJUSTABLE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM317LS8RG Datasheet(HTML) 4 Page - Gamma Microelectronics Inc.

  GM317LS8RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
GM317L
3-TERMINAL 100mA
ADJUSTABLE REGULATOR
Electrical Characteristics (Unless otherwise noted, VI - VO = 5V and IO= 40mA. TJ = 0°C to
125°C, unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
3V
≤ VIN – VOUT ≤ 40V, TA = 25°C
0.01
0.04
Line Regulation (note 2)
ΔVOI
3V
≤ VIN – VOUT ≤ 40V,
0.02
0.07
%/V
VO ≤ 5V
5
25
mV
10mA
≤ IOUT ≤ 100mA,
TA = 25°C
VO > 5V
0.1
0.5
%/ VO
VO ≤ 5V
20
70
mV
Load regulation
ΔVOL
10mA
≤ IOUT ≤ 100mA
VO > 5V
0.3
1.5
%/ VO
Adjustment Pin Current
IADJ
50
100
µA
Adjustment Pin Current
Change
ΔIADJ
3V
≤ VIN – VOUT ≤ 40V
10mA
≤ IOUT ≤ 100mA
0.2
5.0
µA
Reference Voltage
3V
≤ VIN – VOUT ≤ 40V,
10mA
≤ IOUT ≤ 100mA,
1.2
1.25
1.3
V
Minimum Load Current
VIN – VOUT ≤ 40V
3.5
10
mA
VIN – VOUT ≤ 40V, TA = 25°C
25
50
Maximum Output Current
IO(MAX)
VIN – VOUT ≤ 15V
100
200
mA
VOUT = 10V, f = 120Hz
65
Ripple Rejection Ratio
VOUT = 10V, f = 120Hz, 10μF
capacitor between ADJ and GND
66
80
dB
Long Term Stability
(Note 3)
TA = 125
OC, 1000hr
0.3
%
Output Noise Voltage
10Hz
≤ f ≤ 10KHz, TA = 25°C
0.003
%
Note 1:
All characteristics are measured with a 0.1µF capacitor across the input and a 1µF capacitor across the output.
Note 2:
Input regulation is expressed here as the percentage change in output voltage per 1V change at the input.
Note 3:
Since long-term drift cannot be measured on the individual devices prior to shipment, this specification is not intended to
be a guarantee or warranty. It is an engineering estimate of the average drift to be expected from lot to lot.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com