Electronic Components Datasheet Search
  English  ▼

X  

GM317LS8RG Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM317LS8RG
Description  3-TERMINAL 100mA ADJUSTABLE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM317LS8RG Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

  GM317LS8RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM317LS8RG Datasheet HTML 7Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
GM317L
3-TERMINAL 100mA
ADJUSTABLE REGULATOR
Package Outline Dimensions – TO 92
2.10 - 2.27
4.7 - 5.2
0.4 - 0.55
Typ.
3.85 - 4.19
12.7 - 14.2
1.22 - 1.32
4.9 - 5.2
Package Outline Dimensions – SO 8
(0.356 - 0.508)
(0.406 - 0.270)
0.016 - 0.050
D
0.189 - 0.197
(4.800 - 5.004)
SEATING PLAN
0.014 - 0.020
0.150 - 0.157
(3.810 - 3.988)
0.008 - 0.010
(0.203 - 0.254)
8.0
MAX
0.053 - 0.059
(1.346 - 1.753)
0.004 - 0.010
0.228 - 0.244
(5.791 - 6.198)
0.050
(1.270)
TYP
(0.012 - 0.254)
Dimensions are in millimeters



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com