Electronic Components Datasheet Search
  English  ▼

X  

B82732F Datasheet(PDF) 1 Page - EPCOS

Part # B82732F
Description  Power line chokes Current-compensated frame core double chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732F Datasheet(HTML) 1 Page - EPCOS

  B82732F Datasheet HTML 1Page - EPCOS B82732F Datasheet HTML 2Page - EPCOS B82732F Datasheet HTML 3Page - EPCOS B82732F Datasheet HTML 4Page - EPCOS B82732F Datasheet HTML 5Page - EPCOS B82732F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
a~í~=pÜÉÉí
a~í~=pÜÉÉí
¤ EPCOS AG 2013. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
Power line chokes
Current-compensated frame core double chokes
250 V AC, 0.45 … 1.6 A, 10 … 100 mH, +40 °C
Series/Type:
B82732F
Date:
June 2013


Similar Part No. - B82732F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
112Kb / 6P
Power line chokes
B82732F2132B001 EPCOS-B82732F2132B001 Datasheet
112Kb / 6P
Power line chokes
logo
TDK Electronics
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
logo
EPCOS
B82732F2162B001 EPCOS-B82732F2162B001 Datasheet
112Kb / 6P
Power line chokes
logo
TDK Electronics
B82732F2162B001 TDK-B82732F2162B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
More results

Similar Description - B82732F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
B82720S2102N040 TDK-B82720S2102N040 Datasheet
812Kb / 8P
Power line chokes Current-compensated SMD ring core double chokes
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
Current-compensated frame core double chokes
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
Current-compensated frame core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com