Electronic Components Datasheet Search
  English  ▼

X  

B82732F Datasheet(PDF) 4 Page - EPCOS

Part # B82732F
Description  Power line chokes Current-compensated frame core double chokes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82732F Datasheet(HTML) 4 Page - EPCOS

  B82732F Datasheet HTML 1Page - EPCOS B82732F Datasheet HTML 2Page - EPCOS B82732F Datasheet HTML 3Page - EPCOS B82732F Datasheet HTML 4Page - EPCOS B82732F Datasheet HTML 5Page - EPCOS B82732F Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
u = approval granted
IR
A
LR
mH
Lstray,typ
PH
Rtyp
m
:
Ordering code
Approvals
0.45
100
1930
2930
B82732F2451B001
uu
0.6
68
1340
1970
B82732F2601B001
uu
0.7
47
920
1260
B82732F2701B001
uu
0.8
39
760
1100
B82732F2801B001
uu
0.9
27
520
770
B82732F2901B001
uu
1.3
15
290
430
B82732F2132B001
uu
1.6
10
200
290
B82732F2162B001
uu
Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
|Z|
f
IND0565-V
2
10
3
10
10 4
10 5
10 6
10 7
4
10
10 5
10 6
10 7
Hz
Ω
F2162B001
F2132B001
F2901B001
F2451B001
F2601B001
F2701B001
F2801B001
B82732
B82732F
Power line chokes
Current-compensated frame core double chokes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com