Electronic Components Datasheet Search
  English  ▼

X  

B82801A Datasheet(PDF) 2 Page - EPCOS

Part # B82801A
Description  SMT current sense transformers EE 4.2 core
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82801A Datasheet(HTML) 2 Page - EPCOS

  B82801A Datasheet HTML 1Page - EPCOS B82801A Datasheet HTML 2Page - EPCOS B82801A Datasheet HTML 3Page - EPCOS B82801A Datasheet HTML 4Page - EPCOS B82801A Datasheet HTML 5Page - EPCOS B82801A Datasheet HTML 6Page - EPCOS B82801A Datasheet HTML 7Page - EPCOS B82801A Datasheet HTML 8Page - EPCOS B82801A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
12/12
Please read Cautions and warnings and
Important notes at the end of this document.
Applications
■ Switching power supplies
■ Feedback control
■ Overload sensing
■ Load drop/shut down detection
Features
■ Very low DC resistance
■ Different turns ratios
■ Very small package
■ RoHS compatible
Marking
No marking on component
Delivery mode and packing units
■ 12 mm blister tape, 178 mm
‡ reel
■ Carton packaging
■ Packing units: 600 pcs./reel;
3000 pcs./carton
B82801A
SMT current sense transformers
EE 4.2
SMT current sensor transformers



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com